Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754322 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754322
Description  Printed-circuit board connector - FKC 2,5/ 2-STF-5,08 AU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754322 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754322 Datasheet HTML 1Page - PHOENIX CONTACT 1754322 Datasheet HTML 2Page - PHOENIX CONTACT 1754322 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1754322
10/29/2015   Page 1 / 3
Printed-circuit board connector - FKC 2,5/ 2-STF-5,08 AU - 1754322
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Number of positions: 2, Pitch: 5.08 mm, Connection method: Push-in
spring connection, Color: green, Contact surface: Gold
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
50 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
5.08 mm
General
Range of articles
FKC 2,5/..-STF
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Stripping length
10 mm
Number of positions
2
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
2.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
2.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
12
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²


Similar Part No. - 1754322

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1754 ETC2-1754 Datasheet
1Mb / 16P
Drywall Punch
logo
TEKTRONIX, INC.
1754 TEKTRONIX-1754 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
1754 TEKTRONIX-1754 Datasheet
2Mb / 16P
2461-EC Graphical Potentiostat
logo
Adafruit Industries
1754 ADAFRUIT-1754 Datasheet
176Kb / 4P
Adafruit Assembled Pi T-Cobbler Breakout for Raspberry Pi
10/22/2015
logo
Allen-Bradley
1754-L28BBB ALLEN-BRADLEY-1754-L28BBB Datasheet
32Kb / 1P
GuardPLC 1200 Packaged Safety Controller
More results

Similar Description - 1754322

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707942 PHOENIX-1707942 Datasheet
90Kb / 5P
Printed-circuit board connector - FKC 2,5/18-STF-5,08
1745027 PHOENIX-1745027 Datasheet
57Kb / 4P
Printed-circuit board connector - FKC 2,5/ 2-STF-5,08 BD:1,2
1903274 PHOENIX-1903274 Datasheet
70Kb / 4P
Printed-circuit board connector - FKC 2,5/ 2-STF-5,08-EX
1903410 PHOENIX-1903410 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/16-STF-5,08-EX
1903407 PHOENIX-1903407 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/15-STF-5,08-EX
1903384 PHOENIX-1903384 Datasheet
66Kb / 3P
Printed-circuit board connector - FKC 2,5/13-STF-5,08-EX
1945672 PHOENIX-1945672 Datasheet
64Kb / 4P
Printed-circuit board connector - FKC 2,5/ 5-STF-5,08 AU
1796005 PHOENIX-1796005 Datasheet
101Kb / 6P
Printed-circuit board connector - FKC 2,5/ 3-STF-5,08 EX
1942523 PHOENIX-1942523 Datasheet
163Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 6-STF-5,08
09/12/2020
1942536 PHOENIX-1942536 Datasheet
163Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 7-STF-5,08
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com