Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13701 Datasheet(PDF) 12 Page - Ledil, Inc.

Part # F13701
Description  ~35째 wide beam
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13701 Datasheet(HTML) 12 Page - Ledil, Inc.

Back Button F13701 Datasheet HTML 6Page - Ledil, Inc. F13701 Datasheet HTML 7Page - Ledil, Inc. F13701 Datasheet HTML 8Page - Ledil, Inc. F13701 Datasheet HTML 9Page - Ledil, Inc. F13701 Datasheet HTML 10Page - Ledil, Inc. F13701 Datasheet HTML 11Page - Ledil, Inc. F13701 Datasheet HTML 12Page - Ledil, Inc. F13701 Datasheet HTML 13Page - Ledil, Inc. F13701 Datasheet HTML 14Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PRODUCT
DATASHEET
F13701_BARBARA-W-PF
PHOTOMETRIC DATA (SIMULATED):
LED
Soleriq S15
FWHM
39.0°
Efficiency
90 %
Peak intensity
1.8 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
C13709_PF-SOCKET-VERO13-18
Bender Wirth: 433 Typ L1
LED
LC010C
FWHM
23.0°
Efficiency
90 %
Peak intensity
3.5 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
C13709_PF-SOCKET-VERO13-18
Bender Wirth: 479 Typ L1
LED
LC020C
FWHM
27.0°
Efficiency
89 %
Peak intensity
2.9 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
C13709_PF-SOCKET-VERO13-18
Bender Wirth: 479 Typ L1
LED
LC040C
FWHM
33.0°
Efficiency
85 %
Peak intensity
2.1 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
C13709_PF-SOCKET-VERO13-18
Bender Wirth: 480 Typ L1
Last update: 24/11/2019
Subject to change without prior notice
Published: 02/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com