Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2596 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # RS2596
Description  150KHz, 3A PWM Buck DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS2596 Datasheet(HTML) 1 Page - Princeton Technology Corp

  RS2596 Datasheet HTML 1Page - Princeton Technology Corp RS2596 Datasheet HTML 2Page - Princeton Technology Corp RS2596 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RS2596
150KHz, 3A PWM Buck DC/DC Converter
Tel: 886-66296288
‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The RS2596 is Monolithic IC that design for a
step-down DC/DC Converter, and own the ability of
driving
a
3A
load
without
additional
transistor
component.
The output version included 3.3V, 5V, 12V and an
adjustable type. It operates at a switching frequency of
150KHz thus allowing smaller sized filter components
than what would be needed with lower frequency
switching
regulators.
Other
features
include
a
guaranteed 4% tolerance on output voltage under
specified input voltage and output load conditions, and
15% on the oscillator frequency. Regarding protected
function,
thermal
shutdown
is
to
prevent
over
temperature operating from damage, and current limit
is against over current operating of the output switch.
FEATURES
 3.3V, 5V, 12V and adjustable
 Adjustable version output voltage range: 1.23-37V
 4% max over line and load conditions
 150KHz 15% fixed switching frequency
 TTL shutdown capability
 Operating voltage can be up to 40V
 Output load current: 3A
 TO220-5, TO263-5 packages
 Low power standby mode
 Thermal-shunt down and current-limit protection
 Built-in switching a transistor on chip, requires only 4
external components
APPLICATIONS
 Simple High-efficiency step-down regulator
 Positive to negative converter
 On-card switching regulators
BLOCK DIAGRAM


Similar Part No. - RS2596

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2596 ORISTER-RS2596 Datasheet
341Kb / 8P
150KHz, 3A PWM Buck DC/DC Converter
RS2596-12 ORISTER-RS2596-12 Datasheet
341Kb / 8P
150KHz, 3A PWM Buck DC/DC Converter
RS2596-12EG ORISTER-RS2596-12EG Datasheet
756Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
RS2596-12EP ORISTER-RS2596-12EP Datasheet
756Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
RS2596-12UG ORISTER-RS2596-12UG Datasheet
756Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
More results

Similar Description - RS2596

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com