Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD41C Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD41C
Description  Complementary Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD41C Datasheet(HTML) 2 Page - ON Semiconductor

  MJD41C Datasheet HTML 1Page - ON Semiconductor MJD41C Datasheet HTML 2Page - ON Semiconductor MJD41C Datasheet HTML 3Page - ON Semiconductor MJD41C Datasheet HTML 4Page - ON Semiconductor MJD41C Datasheet HTML 5Page - ON Semiconductor MJD41C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD41C (NPN) MJD42C (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
100
−
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
ICEO
−
50
mAdc
Collector Cutoff Current
(VCE = 100 Vdc, VEB = 0)
ICES
−
10
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
−
0.5
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 0.3 Adc, VCE = 4 Vdc)
(IC = 3 Adc, VCE = 4 Vdc)
hFE
30
15
−
75
−
Collector−Emitter Saturation Voltage
(IC = 6 Adc, IB = 600 mAdc)
VCE(sat)
−
1.5
Vdc
Base−Emitter On Voltage
(IC = 6 Adc, VCE = 4 Vdc)
VBE(on)
−
2
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (Note 2)
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1 MHz)
fT
3
−
MHz
Small−Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1 kHz)
hfe
20
—
−
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
2. fT = hfe• ftest.
ORDERING INFORMATION
Device
Package Type
Package
Shipping†
MJD41CRL
DPAK
369C
1800 Tape & Reel
MJD41CT4
DPAK
369C
2500 Tape & Reel
MJD42C
DPAK
369C
75 Units / Rail
MJD42C1
DPAK−3
369D
75 Units / Rail
MJD42CRL
DPAK
369C
1800 Tape & Reel
MJD42CT4
DPAK
369C
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com