Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5903 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5903
Description  1A lithium battery charging and 5V/1A boost control chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5903 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5903 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5903 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5903 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5903 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5903 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5903 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5903 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5903 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5903 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
                          
 
符号
参数
条件
 
最小值 典型值 最大值
单位
VCC
输入电源电压
 
●
4.0
5
9.0
V
 
 
 
ICC
 
 
 
输入电源电流
充电模式,R
PROG=10K
待机模式(充电终止)停
机模式(R
PROG
未连接,
VCC<VBAT
,或V
CC
<VUV
)
升压启动
●
●
●
 
150
 
40
 
40
 
40
 
0
500
 
100
 
100
 
100
μA
μA
μA
μA
μA
VFLOAL
稳定输出(浮充)电压
0
℃≤T
A
≤85℃,I
BAT=40mA
 
4
.158
4
.2
4
.242
V
 
 
IBAT
 
BAT
引脚电流
(
除说明外Vbat=4.0v)
RPROG=1.5K
,充电模式
RPROG=1.1K
,充电模式
升压无负载,V
BAT
=3.8V
●
●
●
700
 
950
740
 
1000
-10
800
 
1050
-100
mA
 
mA
μA
ITRIKL
涓流充电电流
VBAT<VTRIKL,RPROG=1.5K
●
150
200
250
mA
VTRIKL
涓流充电门限电压
RPROG=1.5K,VBAT
上升
 
2.8
2.9
3.0
V
VUV
VCC
欠压闭锁门限
从V
CC
低至高
●
3.4
3.6
3.8
V
ITERM
C/5
终止电流门限
RPROG=1.5K
●
150
200
250
mA
VPROG
PROG
引脚电压
RPROG=1.5K
,充电模式
●
0.9
1.0
1.1
V
 
V
 
CHRG 引脚输出低电压
 
I
=5mA
  
0.3
 
0.6
 
V
 
V
 
引脚输出低电平
 
I
=5mA
  
0.3
 
0.6
 
V
ΔV
RECHRG
再充电电池门限电压
VFLOAT-VRECHRG
 
100
150
200
mV
TLIM
限定温度模式中的结温
  
 
120
 
℃
 
充电R
ON
充电MOS 管“导通”电
阻(在V
CC
与BAT 之间)
  
 
450
 
 
m
Ω
tss
软启动时间
IBAT=0
至I
BAT=1200V/RPROG
  
20
 
us
tTERM
终止比较器滤波时间
IBAT
降至I
CHG/5
以下
 
0.8
1.8
4
ms
VOUT
升压输出5V
负载电阻RL=1k
 
4.875
5
5.125
V
VBatLOW
电池欠压保护
Vbat
从3.6V 下降
●
2.9
3
3.1
V
VBatHigh
电池欠压保护解锁
Vbat
从2.7V 上升
●
3.2
3.3
3.4
V
FOSC
振荡频率
  
300
400
500
KHZ
η 升压
升压效率
VBAT=3.8V
IOUT=500mA
  
90
 
%
η 升压
升压效率
VBAT=3.8V
IOUT=1000mA
  
88
 
%
Dty
最大占空比
  
 
75
 
%
升压R
ON
升压NMOS 管内阻
VLX=0.4V
  
120
 
m
Ω
ILxleak
升压NMOS 管漏电流
VLX=6V
  
 
1
uA
Ilmt_nmos
升压开关管限流
  
 
4
4.5
A
电特性
凡表注●表示该指标适合整个工作温度范围,否则仅指TA=25℃,VCC=5V除非特别注明。
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CHRG
STDBY
CHRG
STDBY
HM5903



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com