Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6311 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6311
Description  1關A Ultra low lq, 0.8v startup, 1A synchronous boost
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6311 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6311 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
 
 
TYPICAL CHARACTERISTICS cont’
(Typical values are atTA = 25oC unless otherwise specified.)
 
 
Vout Vs. Iout
6
 
5
 
 
 
Vout=5V
 
 
100%
 
90%
 
 
 
Vout=5V
Eff. Vs. Iout
 
4
 
3
 
2
 
1
Vin=0.8V
Vin=1V
Vin=2V
Vin=3V
Vin=4V
Vin=4.5V
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Iout (A)
 
80%
 
70%
 
60%
 
50%
 
40%
 
30%
 
 
 
 
 
 
 
Vin=0.8V
Vin=1V
Vin=2V
Vin=3V
Vin=4V
Vin=4.5V
0.001
0.01
0.1
1
10
100
1000
Iout (mA)
 
 
 
 
6
Iout = 1mA
5
UVLO
I_noload Vs Vin
14
 
12
 
 
 
Iout=0A
 
4
 
3
 
2
2.8V Rising
2.8V Falling
3.3V Rising
3.3V Falling
1
3.6V Rising
3.6V Falling
5V Rising
5V Falling
0
0
0.5
1
1.5
2
2.5
Vin (V)
 
10
 
8
3.3V OUT
6
5.0V OUT
 
4
 
2
 
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vin (V)
 
 
 
APPLICATION INFORMATION
 
 
Loop Operation
 
HM6311 is a high efficiency synchronous step-up converter with ultra-low quiescent current down to 1μA. It integrates a 250mΩ Low Side
Main MOSFET and 160mΩ synchronous MOSFET. It uses a PWM current-mode control scheme. An error amplifier integrates error between
the FB signal and the internal reference voltage. The output of the integrator is then compared to the sum of a current-sense signal and the
slope compensation ramp. This operation generates a PWM signal that modulates the duty cycle of the power MOSFETs to achieve regulation
for output voltage.
 
The peak current of the NMOS switch is also sensed to limit the maximum current flowing through the switch and the inductor. The typical
peak current limit is set to 1A. An internal temperature sensor prevents the device from getting overheated in case of excessive power
dissipation.
 
Ultra low current consumption at Light Load Operation
HM6311



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com