Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6311DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6311DR
Description  1關A Ultra low lq, 0.8v startup, 1A synchronous boost
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6311DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6311DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311DR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6311DR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
6
  
2
5
  
3
4
 
 
 
 
HM6311
Adjustable Version
 
 
PIN CONFIGURATION
ABSOLUTEMAXIMUM RATINGS
 
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum
rating conditions for long periods may affect device reliability.)
GND
1
 
OUT
2
 
FB
3
 
 
 
 
 
 
GND
1
 
 
OUT
2
 
 
3
 
 
HM6311
Adjustable Version
 
 
 
 
DFN2x2-6
 
 
 
 
 
HM6311
Fixed Voltage Version
6
IN
 
5
SW
 
 
4
EN
 
 
 
 
 
 
6
IN
 
 
5
SW
 
 
4
EN
OUT
GND
EN
 
 
 
 
OUT
1
 
 
GND
2
 
 
EN
3
 
 
 
 
 
 
 
SOT23-6
 
 
 
 
 
HM6311
Fixed Voltage Version
SW
FB
IN
 
 
 
 
 
 
6
SW
 
 
5
 
 
4
IN
 
 
IN OUT, SW, FB, EN Voltage...............................-0.3V to 6.5V
SW to ground current ................................Internally limited
Operating Temperature Range ......................–40°C to 85°C
Storage Temperature Range ........................–55°C to 150°C
Thermal Resistance
θJA
θJC
SOT23-6...............................180.............90................°C/W
DFN2x2-6..............................80..............30................°C/W
Lead Temperature (Soldering 10ssec) .......................260°C
ESD HBM (Human Body Mode) .....................................2KV
ESD MM (Machine Mode) ...........................................200V
 
DFN2x2-6
SOT23-6
 
 
 
ELECTRICAL CHACRACTERISTICS
(VIN=3.6V, VOUT = 5V, unless otherwise specified.Typical values are atTA = 25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current at OUT, adjustable version
VEN=IN, No load, Not switching
1
2
μA
Quiescent Current at OUT, fixed voltage version VEN=IN, No load, Not switching
1.2
2.5
μA
Shutdown Supply Current at IN
VEN =GND
0.32
μA
IN StartupVoltage
IOUT=1mA
0.8
V IN
OperationVoltage
After Start-up
0.6
5
V
Output Voltage at 5V
4.85
5
5.15
V
Output Voltage at 3.3V
3.2
3.3
3.4
V
FeedbackVoltage
1.076
1.11
1.144
V
Switching Frequency
1.4
MHz
NMOS Switch On Resistance
ISW=100mA
250
mΩ
PMOS Switch On Resistance
ISW=100mA
160
mΩ
VOUT=5.2V, VEN=GND, VSW=5.2V or
SW Leakage Current
 
VSW= 0V
10
μA
NMOS Switch Current Limit
1
A
Start-up Current Limit
1
A
ON
1.3
ms
Short Circuit Hiccup time
 
OFF
33
ms
EN Input Current
VEN=5V or 0V
-1
0
1
μA
EN High Voltage
VOUT=5V
1.2
V
EN low Voltage
VOUT=5V
0.3
V
Thermal Shutdown
Rising, Hysteresis=25°C
155
°C
HM6311



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com