Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4150CMS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4150CMS
Description  Coulomb Counter/ Battery Gas Gauge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150CMS Datasheet(HTML) 2 Page - Linear Technology

  LTC4150CMS Datasheet HTML 1Page - Linear Technology LTC4150CMS Datasheet HTML 2Page - Linear Technology LTC4150CMS Datasheet HTML 3Page - Linear Technology LTC4150CMS Datasheet HTML 4Page - Linear Technology LTC4150CMS Datasheet HTML 5Page - Linear Technology LTC4150CMS Datasheet HTML 6Page - Linear Technology LTC4150CMS Datasheet HTML 7Page - Linear Technology LTC4150CMS Datasheet HTML 8Page - Linear Technology LTC4150CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4150
2
4150fa
Supply Voltage (VDD) ...................................– 0.3V to 9V
Input Voltage Range
Digital Inputs (CLR, SHDN) ....... – 0.3V to (VDD + 0.3)
SENSE–, SENSE+ , CF–, CF+ ........ – 0.3V to (VDD + 0.3)
Output Voltage Range
Digital Outputs (INT, POL) .......................– 0.3V to 9V
Operating Temperature Range
LTC4150CMS .......................................... 0°C to 70°C
LTC4150IMS ..................................... –40°C TO 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
MS PART MARKING
TJMAX = 125°C, θJA = 160°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTQW
LTC4150CMS
LTC4150IMS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 2.7V and 8.5V unless otherwise noted.
1
2
3
4
5
SENSE+
SENSE –
CF
+
CF
–
SHDN
10
9
8
7
6
INT
CLR
VDD
GND
POL
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Digital Input Low Voltage, CLR, SHDN
●
0.7
V
VIH
Digital Input High Voltage, CLR, SHDN
●
1.9
V
VOL
Digital Output Low Voltage, INT, POL
IOL = 1.6mA, VDD = 2.7V
●
0.5
V
ILEAK
Digital Output Leakage Current, INT, POL
VINT = VPOL = 8.5V
●
0.01
1
µA
VOS
Differential Offset Voltage (Note 4)
VDD = 4.0V
±100
µV
●
±150
µV
VDD = 8.0V
±100
µV
●
±150
µV
VDD = 2.7V to 8.5V
±150
µV
●
±200
µV
VSENSE(CM)
Sense Voltage Common Mode Input Range
●
VDD – 0.06
VDD + 0.06
V
VSENSE
Sense Voltage Differential Input Range
SENSE+ – SENSE–
●
– 0.05
0.05
V
RIDR
Average Differential Input Resistance,
VDD = 4.1V (Note 3)
155
270
390
kΩ
Across SENSE+ and SENSE–
VUVLO
Undervoltage Lockout Threshold
VDD Rising
●
2.5
2.7
V
Power Supply Current
IDD
Supply Current, Operating
VDD = 8.5V
●
115
140
µA
VDD = 2.7V
●
80
100
µA
IDD(SD)
Supply Current, Shutdown
VDD = 8.5V
●
10
µA
VDD = 2.7V
●
1.5
µA
AC Characteristics
GVF
Voltage to Frequency Gain
VSENSE = 50mV to – 50mV,
32.0
32.55
33.1
Hz/V
2.7V ≤ VDD ≤ 8.5V
●
31.8
33.3
Hz/V
∆GVF(VDD)
Gain Variation with Supply
2.7V ≤ VDD ≤ 8.5V
0
0.5
%/V
∆GVF(TEMP) Gain Variation with Temperature
(Note 2)
●
– 0.03
0.03
%/ ºC
INL
Integral Nonlinearity
– 0.4
0.4
%
●
– 0.5
0.5
%
tCLR
CLR Pulse Width to Reset INT,
Figure 2
20
µs
INT and CLR Not Connected
tINT
INT Low Time, INT Connected to CLR
Figure 3, CL = 15pF
●
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com