Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7612/WAF Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV7612/WAF
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7612/WAF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV7612/WAF Datasheet HTML 10Page - STMicroelectronics STV7612/WAF Datasheet HTML 11Page - STMicroelectronics STV7612/WAF Datasheet HTML 12Page - STMicroelectronics STV7612/WAF Datasheet HTML 13Page - STMicroelectronics STV7612/WAF Datasheet HTML 14Page - STMicroelectronics STV7612/WAF Datasheet HTML 15Page - STMicroelectronics STV7612/WAF Datasheet HTML 16Page - STMicroelectronics STV7612/WAF Datasheet HTML 17Page - STMicroelectronics STV7612/WAF Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
STV7612
ADCS 7399251
17/18
PACKAGE MECHANICAL DATA
144 PINS - THIN PLASTIC QUAD FLAT PACK (TQFP)
Dimensions
Millimetres
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.0067
0.0087
0.011
C
0.09
0.20
0.0035
0.008
D
22.00
0.866
D1
20.00
0.787
D3
17.50
0.689
e
0.50
0.020
E
22.00
0.866
E1
20.00
0.787
E3
17.50
0.689
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K
0° (Min.), 7° (Max.)
c
A1
A2
A
K
0,25 mm
.010 inch
GAGE PLANE
0.03 inch
SEATING PLANE
0,076 mm
144
109
e
37
72
1
36
73
108
D3
D1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com