Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4935T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LP4935T1G
Description  P-Channel MOSFET Low RDS(on) trench technology.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP4935T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LP4935T1G Datasheet HTML 1Page - Leshan Radio Company LP4935T1G Datasheet HTML 2Page - Leshan Radio Company LP4935T1G Datasheet HTML 3Page - Leshan Radio Company LP4935T1G Datasheet HTML 4Page - Leshan Radio Company LP4935T1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. FEATURES
●
Low RDS(on) trench technology.
●
●
2. ORDERING INFORMATION
3. MAXIMUM RATINGS(Ta = 25ºC unless otherwise stated)
1.Surface Mounted on 1” x 1” FR4 Board.
2. Repetitive rating, pulse width limited by junction temperature.
3.The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
4. THERMAL CHARACTERISTICS
℃/W
Unit
Limits
50
RθJA
Continuous Drain Current
LP4935T1G
P-Channel MOSFET
Marking
Shipping
4935
4000/Tape&Reel
We declare that the material of product are Halogen Free and
compliance with RoHS requirements.
Device
LP4935T1G
S- Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Req uirements
Drain−to−Source Voltage
VDSS
-30
V
Gate−to−Source Voltage
VGS
±20
V
Parameter
Symbol
Limits
Power Dissipation(Note 2)
Operating Junction Temperature and Storage Temperature Range
TJ , TSTG
−55 ~+150
W
Pulsed Drain Current (Note 3)
IDM
-30
℃
2.5
A
TA =25°C
-6.5
ID
TA =25°C
PD
TA =70°C
1.9
-5
TA =70°C
Typ
Parameter
Maximum Junction-to-Ambient(Note 1)
Symbol
Leshan Radio Company, LTD.
1/5
Top View
Unit
Rev.B Nov. 2019


Similar Part No. - LP4935T1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP49 ETC1-LP49 Datasheet
57Kb / 2P
CRYSTAL IN HC-49/S TRU-HOLE PACKAGE
logo
Pletronics, Inc.
LP49 PLETRONICS-LP49 Datasheet
91Kb / 6P
Low Profile Crystal
logo
Pulse A Technitrol Comp...
LP490NMO PULSE-LP490NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP490NMO PULSE-LP490NMO Datasheet
395Kb / 3P
UHF 406-512 MHz
LP490NMO PULSE-LP490NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
More results

Similar Description - LP4935T1G

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS45C41 BWTECH-MS45C41 Datasheet
963Kb / 8P
Low rDS(on) trench technology
logo
Leshan Radio Company
LDP4098T1G LRC-LDP4098T1G Datasheet
335Kb / 5P
Dual P-Channel MOSFET Low RDS(on) trench technology.
LDP4953T1G LRC-LDP4953T1G Datasheet
331Kb / 5P
Dual P-Channel MOSFET Low RDS(on) trench technology.
LP8233DT1AG LRC-LP8233DT1AG Datasheet
701Kb / 5P
P-Channel 20-V (D-S) MOSFET Low RDS(on) trench technology
LPB8337DT0AG LRC-LPB8337DT0AG Datasheet
626Kb / 6P
P-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
S-LPB8615DT0AG LRC-S-LPB8615DT0AG Datasheet
275Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
S-LPB8619DT0AG LRC-S-LPB8619DT0AG Datasheet
524Kb / 6P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
LP4433T1G LRC-LP4433T1G Datasheet
567Kb / 5P
P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LP4435T1G LRC-LP4435T1G Datasheet
591Kb / 5P
P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LPB2680LT1G LRC-LPB2680LT1G Datasheet
912Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com