Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10921 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10921
Description  ~20째 spot beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10921 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10921 Datasheet HTML 1Page - Ledil, Inc. C10921 Datasheet HTML 2Page - Ledil, Inc. C10921 Datasheet HTML 3Page - Ledil, Inc. C10921 Datasheet HTML 4Page - Ledil, Inc. C10921 Datasheet HTML 5Page - Ledil, Inc. C10921 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C10921_GT4-S
GT4-S
~20° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35.0 mm
Height
9 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
GT4-S
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C10921_GT4-S
» Box size: 300 x 250 x 250 mm
864
144
144
4.8
Last update: 22/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - C10921

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10921 CREE-C10921 Datasheet
919Kb / 13P
Gt4 series
More results

Similar Description - C10921

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10588 LEDIL-C10588 Datasheet
2Mb / 4P
~20째 spot beam
F13325 LEDIL-F13325 Datasheet
15Mb / 33P
~20째 spot beam
FN14637 LEDIL-FN14637_18 Datasheet
15Mb / 15P
~20째 spot beam
C10971 LEDIL-C10971 Datasheet
1Mb / 5P
~20째 spot beam
CP10444 LEDIL-CP10444 Datasheet
943Kb / 4P
~20째 smooth spot beam optimized for Golden Dragon
F16884 LEDIL-F16884 Datasheet
2Mb / 4P
~20째 spot beam.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
~20째 spot beam. Assembly with installation tape.
CS17088 LEDIL-CS17088 Datasheet
3Mb / 7P
~20째 spot beam. Variant made from PC.
CP13134 LEDIL-CP13134 Datasheet
1Mb / 4P
~20째 spot beam
C17411 LEDIL-C17411 Datasheet
2Mb / 6P
Slightly asymmetric ~20째 spot beam with Slightly asymmetric ~20째 spot beam with
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com