Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD4-V/2.4-LSR Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFD4-V/2.4-LSR
Description  SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4-V/2.4-LSR Datasheet(HTML) 3 Page - Hongfa Technology

  HFD4-V/2.4-LSR Datasheet HTML 1Page - Hongfa Technology HFD4-V/2.4-LSR Datasheet HTML 2Page - Hongfa Technology HFD4-V/2.4-LSR Datasheet HTML 3Page - Hongfa Technology HFD4-V/2.4-LSR Datasheet HTML 4Page - Hongfa Technology HFD4-V/2.4-LSR Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Remark: 1) In case of no tolerance shown in outline dimension: outline dimension ≤1mm, tolerance should be ±0.2mm; outline dimension >1mm
and ≤5mm, tolerance should be ±0.3mm; outline dimension >5mm, tolerance should be ±0.4mm.
2) The tolerance without indicating for PCB layout is always ±0.1mm.
(Bottom view)
No energized condition
Reset condition
Single side stable
1 coil latching
2.2
2.2
3.2
0.8
8xØ0.85
2.2
2.2
3.2
5
8
1
7
6
2
3
4
5
8
1
7
6
2
3
4
Orientation mark
5.08
5.08
6.5
6.6
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions
PCB Layout
Unit: mm
Wiring Diagram
(Bottom view)
Standard
SMT type
DIP type
Short terminal
SMT type
92
2.2
2.2
3.2
0.8
Orientation mark
1.2
10
2.2
2.2
3.2
0.4
5.08
6.5
6.5
7.5
1.2
0.4
3.2
2.2
2.2
10
2.2
2.2
3.2
0.4
1.2
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com