Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD4-I/3-LS3R Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFD4-I/3-LS3R
Description  SUBMINIATURE HIGH LOAD RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4-I/3-LS3R Datasheet(HTML) 4 Page - Hongfa Technology

  HFD4-I/3-LS3R Datasheet HTML 1Page - Hongfa Technology HFD4-I/3-LS3R Datasheet HTML 2Page - Hongfa Technology HFD4-I/3-LS3R Datasheet HTML 3Page - Hongfa Technology HFD4-I/3-LS3R Datasheet HTML 4Page - Hongfa Technology HFD4-I/3-LS3R Datasheet HTML 5Page - Hongfa Technology HFD4-I/3-LS3R Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
~
~
9 75:
8: 759
:4V8
98 75<
9@5; 8
9;5; 85=
Vddk Hhldmrhnmr
7
Hhqdbshnm ne Vdk`x Mmrdqshnm
`cgdrhud s`od
Gnudq s`od
`cgdrhud s`od
Jddc chqdbshnm
ctqhmf btrsnldq tr`fd
`s kd`rs < dlosx
qdk`x onrhshnmr
Gnudq s`od
`s kd`rs < dlosx
qdk`x onrhshnmr
/
;A8
M
Gnudq s`od
Vddk
Ilanrrdc
b`qqhdq s`od
Sqhdms`shnm l`qj
Jddc
chqdbshnm
ctqhmf
btrsnldq
tr`fd
Jddc chqdbshnm
\swkvO 80W sxod6W8 sxod781 T`bjhmfA @77obr6qddk3 ; qddkr6b`qsnm5
91 QSU enq qddk o`bjhmf hr@77obr5
Vdl`qjA 81 Mm b`rd ne mn snkdq`mbd rgnvm hm ntskhmd chldmrhnmA ntskhmd chldmrhnm 38ll3 snkdq`mbd rgntkc ad |759llB ntskhmd chldmrhnmD8ll
`mc 3<ll3 snkdq`mbd rgntkc ad |75:llB ntskhmd chldmrhnm 8<ll3 snkdq`mbd rgntkc ad |75;ll5
91 Xgd snkdq`mbd vhsgnts hmchb`shmf enq TGF k`xnts hr`kv`xr|758ll5
<
?
8
>=
9:
;
<
?
8
>
=
9:
;
Rn dmdqfhydc bnmchshnm
Vdrds bnmchshnm
Whmfkd rhcd rs`akd
8 bnhk k`sbghmf
Sqhdms`shnm l`qj
Sqhdms`shnm l`qj
90W: sxod7
81 T`bjhmfA ?<7obr6qddk3 ; qddkr6b`qsnm5
91 QSU enq qddk o`bjhmf hr?<7obr5
YmhsA ll
]baZX\TSX[T\`X]\`I dX_X\V SXPV_P[ P\S ^R Q]P_S ZPf]ba
[hqhmf Hh`fq`l
0Fnssnl uhdv1
YmhsA ll
aP^T^PRYX\V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com