Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD4-V/9-LSR Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFD4-V/9-LSR
Description  SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4-V/9-LSR Datasheet(HTML) 2 Page - Hongfa Technology

  HFD4-V/9-LSR Datasheet HTML 1Page - Hongfa Technology HFD4-V/9-LSR Datasheet HTML 2Page - Hongfa Technology HFD4-V/9-LSR Datasheet HTML 3Page - Hongfa Technology HFD4-V/9-LSR Datasheet HTML 4Page - Hongfa Technology HFD4-V/9-LSR Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HFD4-V/1.5
HFD4-V/2.4
HFD4-V/3
HFD4-V/4.5
HFD4-V/5
HFD4-V/6
HFD4-V/9
HFD4-V/12
HFD4-V/24
1.5
2.4
3
4.5
5
6
9
12
24
2.2
3.6
4.5
6.7
7.5
9.0
13.5
18.0
36.0
HFD4/1.5-L
HFD4/2.4-L
HFD4/3-L
HFD4/4.5-L
HFD4/5-L
HFD4/6-L
HFD4/9-L
HFD4/12-L
HFD4/24-L
3.0
4.8
6.0
9.0
10.0
12.0
18.0
24.0
36.0
1.5
2.4
3
4.5
5
6
9
12
24
≤
1.2
≤
1.92
≤
2.4
≤
3.6
≤
4
≤
4.8
≤
7.2
≤
9.6
≤
19.2
≥
0.15
≥
0.24
≥
0.3
≥
0.45
≥
0.5
≥
0.6
≥
0.9
≥
1.2
≥
2.4
11.3 x (1 10%)
28.9 x (1 10%)
45 x (1 10%)
101.3 x (1 10%)
125 x (1 10%)
180 x (1 10%)
405 x (1 10%)
720 x (1 10%)
2880 x (1 10%)
≤
1.2
≤
1.92
≤
2.4
≤
3.6
≤
4
≤
4.8
≤
7.2
≤
9.6
≤
19.2
≤
1.2
≤
1.92
≤
2.4
≤
3.6
≤
4
≤
4.8
≤
7.2
≤
9.6
≤
19.2
16 x (1 10%)
41.1x (1 10%)
64.3 x (1 10%)
145 x (1 10%)
178 x (1 10%)
257 x (1 10%)
579 x (1 10%)
1028 x (1 10%)
2880 x (1 10%)
(1)
Special code
200
200
200
200
200
200
200
200
200
140
140
140
140
140
140
140
140
200
(2)
COIL DATA
Single side stable
Nominal
Voltage
VDC
Coil
Code
Pick-up
Voltage
VDC
max.
Drop-out
Voltage
VDC
min.
Max.
Voltage
VDC
Coil
Resistance
Nominal
Power
mW
approx.
1 coil latching
at 23
Nominal
Voltage
VDC
Coil
Code
Coil
Resistance
Nominal
Power
mW
approx.
ORDERING INFORMATION
Set
Voltage
VDC
max.
Reset
Voltage
VDC
max.
Max.
Voltage
VDC
(XXX)
HFD4-V/
24
-L
R
S
R: Tape and reel packing (Only for SMT type)
Nil: Tube packing(Only for DIP type)
Type
Coil voltage
1.5, 2.4, 3, 4.5, 5, 6, 9, 12, 24VDC
Sort
L: 1 coil latching
Nil: Single side stable
Terminal type
S: Standard SMT
S1: Short terminal SMT
Nil: DIP
Packing style
91
Notes: 1) Max voltage refers to the over voltage that the relay coil can withstand in a very short time.
2) When user's requirements can't be found in the above table,special order allowed.
3) In case 5V of transistor drive circuit, it is recommended to use 4.5V type relay, and 3V to use 2.4V type relay.
Notes:
2) The customer special requirement express as special code after evaluating by Hongfa.
1) R type (tape and reel) packing is moisture-proof which meets requirement of MSL-3. Please choose R type packing for SMT products.
For R type, the letter "R" will only be printed on packing tag but not on relay cover. Tube packing is normally not available for SMT
products unless specially requested by customer. But please note that tube packing is not moisture-proof so please bake the products
before use according to description of Notice 12 herewith. In addition, tube packaging will be adopted when the ordering quantity of R
type is equal to or less than 100 pieces unless otherwise specified.
3) For products that should meet the explosion-proof requirements of "IEC 60079 series",please note [Ex] after the specification while placing
orders.Not all products have explosion-proof certification,so please contact us if necessary, in order to select the suitable products.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com