Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD4-V/12-LSR Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD4-V/12-LSR
Description  SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4-V/12-LSR Datasheet(HTML) 1 Page - Hongfa Technology

  HFD4-V/12-LSR Datasheet HTML 1Page - Hongfa Technology HFD4-V/12-LSR Datasheet HTML 2Page - Hongfa Technology HFD4-V/12-LSR Datasheet HTML 3Page - Hongfa Technology HFD4-V/12-LSR Datasheet HTML 4Page - Hongfa Technology HFD4-V/12-LSR Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single side stable
1 coil latching
70K max.(At 1A load, 85
environment)
Contact rating
(Res. load)
Between coil & contacts
Between contact sets
Dielectric
strength
Shock
resistance
HONGFA RELAY
Coil power
Temperature rise
90
ISO9001, ISO/TS16949 , ISO14001, OHSAS18001, IECQ QC 080000 CERTIFIED
2020 Rev. 1.00
Electrical endurance
2)
Between open contacts (10/160µs)
Between coil & contacts (2/10µs)
Functional
Destructive
Between open contacts
See "COIL DATA"
See "COIL DATA"
Features
File No.:E133481
File No.:40048125
Functional
Destructive
1A 30VDC at 85
0.3A 125VAC at 85
1A 30VDC at 85
0.3A 125VAC at 85
RoHS compliant
1000M (at 500VDC)
1200VAC 1min
1600VAC 1min
1800VAC 1min
3ms max.
3ms max.
-40
to 85
5% to 85% RH
735m/s
2
980m/s
2
DIP, SMT
Approx. 0.8g
HFD4-V
2C
100m max. (at 10mA 30mVDC)
AgNi + Au plated
1A 30VDC
0.3A 125VAC
425VAC / 600VDC
2A
62.5VA / 60W
10mV 10µA
1 x 107OPS
Contact arrangement
Contact resistance
Contact material
Max. switching voltage
Max. switching current
Max. switching power
Min. applicable load
1)
Mechanical endurance
Insulation resistance
Operate time (Set time)
Release time (Reset time)
Ambient temperature
Humidity
Termination
Unit weight
Construction
CONTACT DATA
CHARACTERISTICS
COIL
SAFETY APPROVAL RATINGS
1 x 105OPS(1A 30VDC)
1 x 105OPS(0.3A 125VAC)
1 x 105OPS(10mA 600VDC,
2 sets of NO contacts in series)
10Hz to 55Hz 3.3mm DA
10Hz to 55Hz 5.0mm DA
Plastic sealed
Vibration resistance
Surge withstand voltage
UL/CUL
VDE
SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
1500V (FCC part 68)
2500V (Telecordia)
Notes: 1) The data shown above are initial values.
2) UL insulation system: Class F
● Subminiature high dielectric strength signal relay
● Surge withstand voltage up to 2500V
● Meets EN60950/EN41003
● gap between open contacts ≥0.4mm
● Low power consumption
● Single side stable and latching type available
Notes: 1) Only typical loads are listed above. Other load specifications
can be available upon request.
Notes: 1) Min. applicable load is reference value. Please perform the
confirmation test with the actual load before production since
reference value may change according to switching frequencies,
environmental conditions and expected contact resistance and
reliability.
2) Electric endurance data are collected in one pair of NO contacts
test.
AgNi + Au plated
AgNi + Au plated
V
D E


Similar Part No. - HFD4-V/12-LSR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4-I HONGFA-HFD4-I Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
HFD4-I/1.5-LS1R HONGFA-HFD4-I/1.5-LS1R Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
HFD4-I/1.5-LS3R HONGFA-HFD4-I/1.5-LS3R Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
HFD4-I/1.5-LSR HONGFA-HFD4-I/1.5-LSR Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
HFD4-I/12-LS1R HONGFA-HFD4-I/12-LS1R Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
More results

Similar Description - HFD4-V/12-LSR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com