Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13490 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13490
Description  ~55째 wide beam with flat bottom structure allowing more freedom in PCB design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13490 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13490 Datasheet HTML 1Page - Ledil, Inc. C13490 Datasheet HTML 2Page - Ledil, Inc. C13490 Datasheet HTML 3Page - Ledil, Inc. C13490 Datasheet HTML 4Page - Ledil, Inc. C13490 Datasheet HTML 5Page - Ledil, Inc. C13490 Datasheet HTML 6Page - Ledil, Inc. C13490 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C13490_HB-5X1-FLAT-W
HB-5X1-FLAT-W
~55° wide beam with flat bottom structure
allowing more freedom in PCB design
TECHNICAL SPECIFICATIONS:
Dimensions
123.0 x 25.0 mm
Height
8.5 mm
Fastening
glue, pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
HB-5X1-FLAT-W
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C13490_HB-5X1-FLAT-W
» Box size: 480 x 280 x 300 mm
504
105
21
8.4
Last update: 21/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - C13490

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13490 CREE-C13490 Datasheet
89Kb / 3P
HighBay series
More results

Similar Description - C13490

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
~55째 wide beam
C10974 LEDIL-C10974 Datasheet
2Mb / 4P
~55째 wide beam
C11777 LEDIL-C11777 Datasheet
1Mb / 4P
~55째 wide beam
CP16939 LEDIL-CP16939 Datasheet
3Mb / 4P
~55째 wide beam
CP15313 LEDIL-CP15313 Datasheet
3Mb / 6P
~55째 wide beam.
C10590 LEDIL-C10590 Datasheet
1Mb / 5P
~55째 wide beam
C12345 LEDIL-C12345 Datasheet
1Mb / 6P
~55째 wide beam
C17434 LEDIL-C17434 Datasheet
4Mb / 6P
~55째 wide beam
C11191 LEDIL-C11191 Datasheet
2Mb / 8P
~55째 wide beam
CA16705 LEDIL-CA16705 Datasheet
2Mb / 5P
~55째 wide beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com