Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT4 Datasheet(PDF) 20 Page - AZ Displays

Part # PD064VT4
Description  This product applies computer peripheral , industrial meter , image communication and multi-media.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT4 Datasheet(HTML) 20 Page - AZ Displays

Back Button PD064VT4 Datasheet HTML 15Page - AZ Displays PD064VT4 Datasheet HTML 16Page - AZ Displays PD064VT4 Datasheet HTML 17Page - AZ Displays PD064VT4 Datasheet HTML 18Page - AZ Displays PD064VT4 Datasheet HTML 19Page - AZ Displays PD064VT4 Datasheet HTML 20Page - AZ Displays PD064VT4 Datasheet HTML 21Page - AZ Displays PD064VT4 Datasheet HTML 22Page - AZ Displays PD064VT4 Datasheet HTML 23Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
PD064VT4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:20
2
2
11. Reliability Test
No
Test Item
Test Condition
1
Low Temperature Storage Test
Ta = -30 ℃, 240 hrs
2
High Temperature Operation Test
Ta = +70 ℃, 240 hrs
3
Low Temperature Operation Test
Ta = -20 ℃, 240 hrs
4
High Temperature & High Humidity
Operation Test
Ta = +60 ℃, 90%RH, 240 hrs
5
Thermal Cycling Test
(non-operating)
-25℃ → +70℃, 200 Cycles
30 min
30 min
6
Vibration Test
(non-operating)
Frequency:10 ~ 57 HZ /Vibration Width :0.075mm
58-500 H/ / Gravity :9.8m/s
Sweep time: 11 minutes
Test period: 3 hrs for each direction of X, Y, Z
7
Shock Test
(non-operating)
Gravity :490m/s
Direction: ±X, ±Y, ±Z
Pulse Width :11ms,half sine wave
8
Electrostatic Discharge Test
(non-operating)
150pF, 330Ω
Air : ±15KV ; Contact : ±8KV
10 times/point , 9 points/panel face
Ta: ambient temperature
[Judgement Criteria]
Under the display quality test conditions with normal operation state , there should be no
change which may affect practical display function.
12. Indication of Lot Number Label
a) Indicated contents of the label
Lot number
Module number
Contents of lot number : 1st~3rd—The OEM product
5th—Production year : 1999
⇒9, 2000⇒A, 2001⇒B……..
6th—Production month : 1, 2, 3,….9, A, B, C
7th~8th—Production size : 6.4”
⇒64
9th~10th—Serial numbers : 01~99
OOO-OOOOOO
PD064VT4XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com