Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16460 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16460
Description  ~60째 wide beam. PC variant.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16460 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16460 Datasheet HTML 1Page - Ledil, Inc. CS16460 Datasheet HTML 2Page - Ledil, Inc. CS16460 Datasheet HTML 3Page - Ledil, Inc. CS16460 Datasheet HTML 4Page - Ledil, Inc. CS16460 Datasheet HTML 5Page - Ledil, Inc. CS16460 Datasheet HTML 6Page - Ledil, Inc. CS16460 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CS16460_HB-IP-2X6-W-PC
HB-IP-2X6-W-PC
~60° wide beam. PC variant.
TECHNICAL SPECIFICATIONS:
Dimensions
173.0 x 71.4 mm
Height
11.4 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
HB-IP-2X6-W-PC
Multi-lens
PC
clear
2X6-SEAL25
Seal
Silicone
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS16460_HB-IP-2X6-W-PC
» Box size: 476 x 273 x 247 mm
Multi-lens
120
40
40
8.9
Last update: 20/12/2018
Subject to change without prior notice
Published: 29/10/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CS16460

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16401 LEDIL-CS16401 Datasheet
941Kb / 14P
Strada Lens array
CS16401 LEDIL-CS16401 Datasheet
6Mb / 6P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic
CS16401 LEDIL-CS16401_18 Datasheet
6Mb / 6P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic
More results

Similar Description - CS16460

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14534 LEDIL-F14534 Datasheet
10Mb / 18P
~60째 wide beam
C15802 LEDIL-C15802 Datasheet
4Mb / 7P
~60째 wide beam
CS15445 LEDIL-CS15445 Datasheet
4Mb / 3P
~100째 wide beam. PC variant.
CA13498 LEDIL-CA13498 Datasheet
5Mb / 6P
~60째 wide beam
C13032 LEDIL-C13032 Datasheet
2Mb / 5P
~60째 wide beam
C16822 LEDIL-C16822 Datasheet
2Mb / 6P
~60째 wide beam
C16826 LEDIL-C16826 Datasheet
2Mb / 6P
~60째 wide beam
C16830 LEDIL-C16830 Datasheet
2Mb / 4P
~60째 wide beam
CS17149 LEDIL-CS17149 Datasheet
4Mb / 4P
~60째 wide beam. Variant made from PC
F15555 LEDIL-F15555 Datasheet
2Mb / 5P
~60째 beam. 8X1 variant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com