Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS17090 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS17090
Description  ~25째 medium beam. Variant made from PC.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS17090 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS17090 Datasheet HTML 1Page - Ledil, Inc. CS17090 Datasheet HTML 2Page - Ledil, Inc. CS17090 Datasheet HTML 3Page - Ledil, Inc. CS17090 Datasheet HTML 4Page - Ledil, Inc. CS17090 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CS17090_HB-IP-2X6-M-PC
HB-IP-2X6-M-PC
~25° medium beam. Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
173.0 x 71.4 mm
Height
11.4 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
HB-IP-2X6-M-PC
Multi-lens
PC
clear
2X6-SEAL25
Seal
Silicone
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS17090_HB-IP-2X6-M-PC
» Box size: 476 x 273 x 247 mm
Multi-lens
120
40
40
8.3
Last update: 19/06/2019
Subject to change without prior notice
Published: 28/06/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CS17090

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS170-C246 DFI-CS170-C246 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
CS170-H310 DFI-CS170-H310 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
CS170-Q370 DFI-CS170-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
logo
List of Unclassifed Man...
CS1702 ETC-CS1702 Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Ledil, Inc.
CS17068 LEDIL-CS17068 Datasheet
2Mb / 5P
IESNA Type IV beam for wider roads and large outdoor area
More results

Similar Description - CS17090

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16323 LEDIL-CS16323 Datasheet
6Mb / 8P
~65째 medium beam. Variant made from PMMA.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
~30째 spot beam. Variant made from PC.
CS16329 LEDIL-CS16329 Datasheet
6Mb / 6P
~65째 medium beam. Variant made from PC.
CS16330 LEDIL-CS16330 Datasheet
6Mb / 6P
~90째 wide beam. Variant made from PC.
C14406 LEDIL-C14406 Datasheet
1Mb / 4P
~50째 wide beam. Variant made from PC.
C14990 LEDIL-C14990 Datasheet
1Mb / 4P
~25째 medium beam. Variant made from PC.
C16855 LEDIL-C16855 Datasheet
3Mb / 4P
~25째 medium beam optimized for CREE XP-L and XM-L. Variant made from PC.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
~25째 spot beam for industrial applications. Variant made from PC.
CS17088 LEDIL-CS17088 Datasheet
3Mb / 7P
~20째 spot beam. Variant made from PC.
CA15551 LEDIL-CA15551 Datasheet
1Mb / 5P
~35째 medium beam. Variant made from PC.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com