Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCP14965 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCP14965
Description  ~10째 spot beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCP14965 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCP14965 Datasheet HTML 1Page - Ledil, Inc. FCP14965 Datasheet HTML 2Page - Ledil, Inc. FCP14965 Datasheet HTML 3Page - Ledil, Inc. FCP14965 Datasheet HTML 4Page - Ledil, Inc. FCP14965 Datasheet HTML 5Page - Ledil, Inc. FCP14965 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FCP14965_FLORENTINA-2X2-RS
FLORENTINA-2X2-RS
~10° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
89.6 mm
Height
22.2 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
ROSE-B-B-RS
Single lens
PC
clear
FLORENTINA-2X2-HLD
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FCP14965_FLORENTINA-2X2-RS
» Box size: 476 x 273 x 292 mm
Single lens
88
24
8
4.3
Last update: 25/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - FCP14965

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCP14965 CREE-FCP14965 Datasheet
678Kb / 5P
Florentina series
More results

Similar Description - FCP14965

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14532 LEDIL-F14532 Datasheet
10Mb / 19P
~10째 spot beam
FCP15344 LEDIL-FCP15344 Datasheet
9Mb / 6P
~10째 spot beam
CP14866 LEDIL-CP14866 Datasheet
13Mb / 9P
~10째 real spot beam
FCA15449 LEDIL-FCA15449 Datasheet
8Mb / 5P
~10째 real spot beam
CN12299 LEDIL-CN12299 Datasheet
2Mb / 4P
~10째 infrared spot beam with holder
CP16940 LEDIL-CP16940 Datasheet
5Mb / 4P
~10째 spot beam
CP15916 LEDIL-CP15916 Datasheet
18Mb / 13P
~10째 spot beam.
C16686 LEDIL-C16686 Datasheet
11Mb / 11P
~10째 spot beam
CN10861 LEDIL-CN10861 Datasheet
9Mb / 9P
~10째 spot beam with holder
CP17151 LEDIL-CP17151 Datasheet
2Mb / 4P
~10째 spot beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com