Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCP15711 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCP15711
Description  ~60째 batwing beam compatible with ultra high power LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCP15711 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCP15711 Datasheet HTML 1Page - Ledil, Inc. FCP15711 Datasheet HTML 2Page - Ledil, Inc. FCP15711 Datasheet HTML 3Page - Ledil, Inc. FCP15711 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCP15711_FLORENTINA-4X1-MRK-BW
FLORENTINA-4X1-MRK-BW
~60° batwing beam compatible with ultra high
power LEDs
TECHNICAL SPECIFICATIONS:
Dimensions
169.7 x 49.7 mm
Height
29.7 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
ROSE-MRK-BW
Single lens
PC
clear
FLORENTINA-4X1-HLD
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FCP15711_FLORENTINA-4X1-MRK-BW
» Box size: 476 x 273 x 292 mm
Single lens
72
72
8
3.0
Last update: 05/07/2018
Subject to change without prior notice
Published: 04/07/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - FCP15711

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP15710 LEDIL-FCP15710 Datasheet
5Mb / 4P
~50째 wide beam. Compatible with ultra high power LEDs.
More results

Similar Description - FCP15711

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP16391 LEDIL-FP16391 Datasheet
3Mb / 4P
~60째 batwing beam
FN15738 LEDIL-FN15738_18 Datasheet
7Mb / 5P
~60째 60째 rectangular beam with holder B compatible
FCA15511 LEDIL-FCA15511_18 Datasheet
6Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
FCA15512 LEDIL-FCA15512_18 Datasheet
6Mb / 5P
~40째 medium beam. Compatible with ultra high power LEDs.
FCA15513 LEDIL-FCA15513_18 Datasheet
5Mb / 4P
~50째 wide beam. Compatible with ultra high power LEDs.
FCP15704 LEDIL-FCP15704 Datasheet
12Mb / 8P
~25째 spot beam . Compatible with ultra high power LEDs.
FCP15706 LEDIL-FCP15706 Datasheet
10Mb / 9P
~50째 wide beam. Compatible with ultra high power LEDs.
FCP15710 LEDIL-FCP15710 Datasheet
5Mb / 4P
~50째 wide beam. Compatible with ultra high power LEDs.
FCA15702 LEDIL-FCA15702 Datasheet
5Mb / 4P
~60째 batwing beam compatible with ultra high power LEDs.
FCP15707 LEDIL-FCP15707 Datasheet
3Mb / 5P
~60째 batwing beam compatible with ultra high power LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com