Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1756540 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1756540
Description  Printed-circuit board connector - GICV 2,5 HC/ 8-G-7,62
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756540 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1756540 Datasheet HTML 1Page - PHOENIX CONTACT 1756540 Datasheet HTML 2Page - PHOENIX CONTACT 1756540 Datasheet HTML 3Page - PHOENIX CONTACT 1756540 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1756540
10/29/2014   Page 1 / 4
Printed-circuit board connector - GICV 2,5 HC/ 8-G-7,62 - 1756540
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 16 A, Rated voltage (III/2): 630 V, Number of positions: 8, Pitch: 7.62 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
Product Features
 Compact 7.62 mm pitch
 CP-MSTB coding profile as protection against mismatching
 Maximum contact reliability due to integrated double steel spring
 Inverted GIC 2,5 HC headers with socket contacts for touch-proof device outputs (with GIC 2,5 HCV/... -ST) or a PCB/PCB connection (with
GMSTBA 2,5 HC/... -G)
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
10.2 mm
Pitch
7.62 mm
Dimension a
53.34 mm
Pin dimensions
1,2 x 0,5
Hole diameter
1.4 mm
General
Range of articles
GICV 2,5 HC/..-G
Insulating material group
I
Rated surge voltage (III/3)
6 kV


Similar Part No. - 1756540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17565 ETC2-17565 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
PHOENIX CONTACT
1756502 PHOENIX-1756502 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/15-G BK
1756508 PHOENIX-1756508 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 4-G-7,62
1756511 PHOENIX-1756511 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 5-G-7,62
logo
TE Connectivity Ltd
175652-2 TEC-175652-2 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
More results

Similar Description - 1756540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756485 PHOENIX-1756485 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 2-G-7,62
1756508 PHOENIX-1756508 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 4-G-7,62
1756511 PHOENIX-1756511 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 5-G-7,62
1756524 PHOENIX-1756524 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 6-G-7,62
1756537 PHOENIX-1756537 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 7-G-7,62
1756553 PHOENIX-1756553 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 9-G-7,62
1756566 PHOENIX-1756566 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/10-G-7,62
1756579 PHOENIX-1756579 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/11-G-7,62
1756582 PHOENIX-1756582 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/12-G-7,62
1756498 PHOENIX-1756498 Datasheet
119Kb / 6P
Printed-circuit board connector - GICV 2,5 HC/ 3-G-7,62
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com