Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16781 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16781
Description  ~90째 wide beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16781 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16781 Datasheet HTML 1Page - Ledil, Inc. CS16781 Datasheet HTML 2Page - Ledil, Inc. CS16781 Datasheet HTML 3Page - Ledil, Inc. CS16781 Datasheet HTML 4Page - Ledil, Inc. CS16781 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CS16781_HB-IP-8MX-WWW-PC
HB-IP-8MX-WWW-PC
~90° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
90.0 mm
Height
8.7 mm
Fastening
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
HB-IP-8MX-WWW-PC
Multi-lens
PC
clear
STRADA-IP-8MX-SEAL
Seal
Silicone
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS16781_HB-IP-8MX-WWW-PC
» Box size: 480 x 280 x 300 mm
Multi-lens
156
52
52
6.4
Last update: 21/03/2019
Subject to change without prior notice
Published: 20/03/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CS16781

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CS16 TRANSKO-CS16 Datasheet
177Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
Rev. 7: 10-10-19
logo
List of Unclassifed Man...
CS16-04GO2 ETC1-CS16-04GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS16-06GO2 ETC1-CS16-06GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS16-08IO2 ETC1-CS16-08IO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
logo
M/A-COM Technology Solu...
CS16-1 MA-COM-CS16-1 Datasheet
699Kb / 6P
Low Power Limiter Diodes
More results

Similar Description - CS16781

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16593 LEDIL-CS16593 Datasheet
6Mb / 5P
~90째 wide beam
F16007 LEDIL-F16007_18 Datasheet
7Mb / 7P
~90째 wide beam
F11947 LEDIL-F11947 Datasheet
1Mb / 6P
~90째 160째 wide beam
C12353 LEDIL-C12353 Datasheet
2Mb / 4P
~90째 170째 wide area beam
C16669 LEDIL-C16669 Datasheet
18Mb / 4P
~90째 wide beam
C16613 LEDIL-C16613 Datasheet
2Mb / 4P
~90째 wide beam
F17194 LEDIL-F17194 Datasheet
1Mb / 4P
~90째 100째 wide beam
F16455 LEDIL-F16455 Datasheet
5Mb / 5P
~90째 wide beam
C13526 LEDIL-C13526 Datasheet
1Mb / 4P
~90째 wide beam
CS17134 LEDIL-CS17134 Datasheet
18Mb / 4P
~90째 wide beam.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com