Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1756913 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1756913
Description  Printed-circuit board connector - MSTB 2,5/ 6-G PIN 18,6
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756913 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1756913 Datasheet HTML 1Page - PHOENIX CONTACT 1756913 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1756913
03/28/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/ 6-G PIN 18,6 - 1756913
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Number of positions: 6, Pitch: 5 mm, Color: green, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
3.07 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
25 mm
General
Range of articles
MSTB 2,5/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
green
Number of positions
6
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637


Similar Part No. - 1756913

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1756910C3 ETC2-1756910C3 Datasheet
65Kb / 2P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
More results

Similar Description - 1756913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1783630 PHOENIX-1783630 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 GY
1786873 PHOENIX-1786873 Datasheet
103Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 6-STF
1706325 PHOENIX-1706325 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-G-5,08THTABGYAUCD4
1752454 PHOENIX-1752454 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 AU
1756340 PHOENIX-1756340 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 7-G BK
1756489 PHOENIX-1756489 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-G BK
1756528 PHOENIX-1756528 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/16-G BK
1783423 PHOENIX-1783423 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-GU
1764617 PHOENIX-1764617 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 BK AU
1972535 PHOENIX-1972535 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 PIN 18,6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com