Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2540C Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2540C
Description  Dual channel DC motor driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2540C Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2540C Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2540C Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2540C Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2540C Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2540C Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
五、 功能方框图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
25-Mar-2014
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\FM618.ddbDrawn By:
INA
12.5K
A GND
电 平 转 换 电 路
INB
12.5K
A GND
电 平 转 换 电 路
过 热 保 护 电 路
逻
辑
电
路
栅
驱
动
电
路
V CC
V DD
OUTA
PGND
栅
驱
动
电
路
V DD
OUTB
PGND
A GND
PGND
六、 绝对最大额定值
参数
符号
额定值
单位
逻辑电源电压
VCC
7
V
功率电源电压
VDD
11
V
功耗
Pd
ESOP-16
0.96
W
热阻
θJA
ESOP-16
130
℃/W
工作温度
Topr
-20~85
℃
结温
Tj
150
℃
存储温度
Tstg
-55~150
℃
手工焊接温度
350~370
℃
输出电流峰值
Iop
3.5
A
最大连续输出电流
Ioc
2.6
A
注:最大连续输出电流视散热条件而定。
双通道直流马达驱动器



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com