Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4045 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4045
Description  Synchronous boost dual-cell lithium battery charge management IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4045 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4045 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4045 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
6 极限工作参数
项目
参数
范围
单位
电源电压
VIN to PGND
-0.3~18
V
输出引脚电压
PMID,SW,STAT to PGND
-0.3~15
V
ICHG
-0.3~7
V
输入引脚电压
EN,CV
-0.3~15
V
VBST 与 SW 之间电压
VVBST-VSW
-0.3~7
V
VBAT 与 PMID 之间电压
VVBAT-VPMID
-15~0.7
V
PMID 与 SW 之间电压
VPMID-VSW
-0.7~15
V
环境温度
TA
-40~85
结温
TJ
-40~150
1:超过上述极限工作参数范围可能导致芯片永久性的损坏。长时间暴露在上述任何极限条件下可能会影响芯片
的可靠性和寿命。
2:HM4045 可以在 0℃到 70℃的限定范围内保证正常的工作状态。超过-40℃至 85℃温度范围的工作状态受设计
和工艺控制影响。
7 结构框图
HM4045
HM4045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com