Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES51977 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ES51977
Description  Integrated analog-to-digital converter (ADC)with 3 3/4 digits and 42-segment bargraph LCD display
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES51977 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ES51977 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
91年11月28日
ES51977
3 3/4 AUTO EASY
Operation Mode
(1) Measurement Description
Voltage Measurement
Resistive divider is automatically changed to provide in range reading
for 399.9mV to 3999V full scale reading. The following table shows
the various full scale range.
Range
Full scale
Resistive Ratio
VR1
VR2
VR3
VR4
VR5
399.9 mV
3.999 V
39.99 V
399.9 V
3999 V
1
, 1/1
R2/(R1+R2) , 1/10
R3/(R1+R3) , 1/100
R4/(R1+R4) , 1/1000
R5/(R1+R5) , 1/10000
Resistance Measurement
Resistive divider is automatically changed to provide the proper range.
The following table shows the various full scale range.
Range
Full Scale
Reference Resistor
OR1
399.9 Ω
OR2
3.999 KΩ
OR3
39.99 KΩ
OR4
399.9 KΩ
OR5
3.999 MΩ
OR6
39.99 MΩ
R6(100Ω)
R5(1KΩ)
R4(10KΩ)
R1||R3(=100KΩ)
R1||R2(=1MΩ)
R1(10MΩ)
Current Measurement
In the current measurement mode , there are three range selections :
Mode
Range Selection Full Scale
Automatic Mode 1
uA
399.9 uA
3999 uA
Automatic Mode 2
mA
39.99 mA
399.9 mA
Manual Mode
A
39.99 A
When the mode changes among (uA, mA, A), the original AC/DC
state will keep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com