Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2128LT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LP2128LT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2128LT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LP2128LT3G Datasheet HTML 1Page - Leshan Radio Company LP2128LT3G Datasheet HTML 2Page - Leshan Radio Company LP2128LT3G Datasheet HTML 3Page - Leshan Radio Company LP2128LT3G Datasheet HTML 4Page - Leshan Radio Company LP2128LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LP2128LT1G
20V P-Channel Enhancement-Mode MOSFET
6. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Drain–Source Breakdown Voltage
(VGS = 0, ID = -250μA)
Zero Gate Voltage Drain Current
(VGS = 0, VDS = -6.4 V)
Gate–Body Leakage Current
(VGS = ±12 V,VDS=0V)
Gate Threshold Voltage
(VDS = VGS, ID = -250μA)
Static Drain–Source On–State Resistance
(VGS = -4.5 V, ID = -2.4 A)
(VGS = -2.5 V, ID = -2 A)
(VGS = -1.8 V, ID = -1 A)
Forward Transconductance
(VDS = -5V, ID = -3.5A)
On-State Drain Current
(VDS≤
–5 V, VGS = –4.5 V)
Max. Diode Forward Current
Diode Forward Voltage
(IS = -1.6A, VGS = 0V)
Typ.
Max.
Unit
VBRDSS
V
-20
-
-
Symbol
Min.
μA
-
-
-1
IGSS
nA
-
-
±100
Characteristic
Static
-
-
17
28
gfs
S
-
8.5
-
RDS(on)
mΩ
25
41
-
47
78
VGS(th)
V
-0.45
-
-0.9
IDSS
Source-Drain Diode
VSD
-1.6
-
-
A
Dynamic(Note 2)
A
-6
-
-
(VDS≤
–5 V, VGS = –2.5 V)
-3
-
-
ID(on)
IS
V
-
-
-1.2
Leshan Radio Company, LTD.
Input Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -4 V)
Output Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -4 V)
Reverse Transfer Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -4 V)
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
Gate Resistance
(VDS=0V,VGS=0V,f=1.0MHz)
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
2.Pulse Test: Pulse Width ≤300 μs, Duty Cycle ≤2.0%.
ns
tr
-
14.4
-
Crss
pF
-
92
-
Switching(Note 2)
td(off)
-
46
-
tf
-
24
-
td(on)
-
6.2
-
(VDD=-4V,RL=4Ω,RG=6.2
Ω,VGEN=-4.5V,ID=-1A)
(VDS=-10V,VGS=-
4.5V,ID=-2.4A)
Qg
-
11
-
Qgs
-
1.7
-
Qgd
-
2.5
-
nC
Rg
-
9.3
-
Ω
Ciss
pF
-
1038
-
Coss
pF
-
110
-
Rev.B Jan. 2020
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com