Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MP6005
Description  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MP6005 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MP6005 Datasheet HTML 1Page - HY ELECTRONIC CORP. MP6005 Datasheet HTML 2Page - HY ELECTRONIC CORP. MP6005 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
MP6
●
Low forward voltage drop
RoHS
●
Small size, simple installation
COMPLIANT
●
Meet UL flammability classification 94V-0
Mechanical Data
●
Polarity: Symbol marked on body
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
General purpose use in AC/DC bridge full wave rectification,
for power supply, industrial automation applications, etc.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol MP6005 MP601
MP602
MP604
MP606
MP608
MP610
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward Rectified Current @TA=50 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2t
A
2s
Peak Forward Voltage per Diode at 3A DC
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
μA
DC Blocking Voltage per Diode @TJ=100℃
mA
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
MP6*-B-00-00
Rev. 11, 18-May-2020
IFSM
IR
Pb
A
175
1.0
-55 to +150
-55 to +150
Package Outline Dimensions in Inches (Millimeters)
6.0
127.1
1.0
10.0
MP6005 THRU MP610
Reverse Voltage - 50 to 1000 Volts
Forward Current - 6.0 Amperes
●
High surge forward current capability
Silicon Bridge Rectifiers


Similar Part No. - MP6005

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP6005 DCCOM-MP6005 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP6005 GOOD-ARK-MP6005 Datasheet
95Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP6005 CHENG-YI-MP6005 Datasheet
120Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP6005 FORMOSA-MP6005 Datasheet
112Kb / 6P
Bridge Rectifier
logo
Monolithic Power System...
MP6005 MPS-MP6005 Datasheet
1Mb / 30P
High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
2/5/2021 Rev. 1.0
More results

Similar Description - MP6005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com