Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHF2805S Datasheet(PDF) 13 Page - International Rectifier

Part # AHF2805S
Description  28V Input, Single and Dual Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805S Datasheet(HTML) 13 Page - International Rectifier

Back Button AHF2805S Datasheet HTML 9Page - International Rectifier AHF2805S Datasheet HTML 10Page - International Rectifier AHF2805S Datasheet HTML 11Page - International Rectifier AHF2805S Datasheet HTML 12Page - International Rectifier AHF2805S Datasheet HTML 13Page - International Rectifier AHF2805S Datasheet HTML 14Page - International Rectifier AHF2805S Datasheet HTML 15Page - International Rectifier AHF2805S Datasheet HTML 16Page - International Rectifier AHF2805S Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.irf.com
13
AHF28XX Series
1.
Parameter guaranteed by line load and cross regulation tests.
2.
Up to 90 percent of full power is available from either output provided the total output does not exceed 12W.
3.
Bandwidth guaranteed by design. Tested for 20 kHz to 2 MHz.
4.
Load current split equally between +V
OUT and –VOUT.
5.
1.2 watt load on output under test, 1.2 watt to 10.8 watt load change on other output.
6.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
7.
Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limits specified in Table VI.
8.
An overload is that condition with a load in excess of the rated load but less than that necessary to
trigger the short circuit protection and is the condition of maximum power dissipation.
9.
Load step transition time between 2 and 10 microseconds.
10.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1
percent of V
OUT at 50 percent load.
11.
Input step transition time between 2 and 10 microseconds.
12. Turn-on delay time measurement is for either a step application of power at the input or the removal of
a ground signal from the inhibit pin (pin 1) while power is applied to the input.
Table VI. Electrical Performance Characteristics - continued
AHF2815D
Notes to Specifications
Limits
Test
Symbol
Conditions
-55°C
≤ Tc ≤ +125°C
Vin = 28 Vdc ±5%, C
L = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
Overload
8
6
Power dissipation
load fault
P
D
Short circuit
1,2,3
01
2
W
Switching
frequency
4
F
S
I
OUT = 800 mA
4,5,6
01
500
600
kHz
400 mA to/from 800 mA
4,5,6
01
-200
+200
Output response
to step transient
load changes
4,9
VO
TLOAD
0 mA to/from 400 mA
4,5,6
01
-800
+800
mV pk
400 mA to/from 800 mA
4,5,6
01
70
Recovery time
step transient load
changes
4,9,10
TT
LOAD
0 mA to/from 400 mA
4,5,6
01
500
µs
Output response
transient step line
changes
4,7,11
VO
TLINE
Input step from/to 16 to
40 V dc, I
OUT=800mA
4,5,6
01
-750
+750
mV pk
Recovery time
transient step line
changes
4,7,10,11
TT
LINE
Input step from/to 16 to
40Vdc, I
OUT =800mA
4,5,6
01
1200
µs
Turn on
overshoot
4
VTon
OS
I
OUT=0
and 800mA
4,5,6
01
750
mV pk
Turn on delay
4,12
Ton
D
I
OUT = 0 and 800mA
4,5,6
01
25
ms
Load fault
recovery
7
Tr
LF
4,5,6
01
25
ms
Weight
38
grams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com