Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10949 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10949
Description  Wide oval beam for area lighting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10949 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10949 Datasheet HTML 1Page - Ledil, Inc. C10949 Datasheet HTML 2Page - Ledil, Inc. C10949 Datasheet HTML 3Page - Ledil, Inc. C10949 Datasheet HTML 4Page - Ledil, Inc. C10949 Datasheet HTML 5Page - Ledil, Inc. C10949 Datasheet HTML 6Page - Ledil, Inc. C10949 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C10949_STRADA-B2
STRADA-B2
Wide oval beam for area lighting
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
5.2 mm
Fastening
glue, pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-B2
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C10949_STRADA-B2
» Box size: 480 x 280 x 300 mm
2880
288
144
4.2
Last update: 22/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - C10949

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10949 CREE-C10949 Datasheet
877Kb / 13P
Strada series
More results

Similar Description - C10949

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13473 LEDIL-CA13473 Datasheet
1Mb / 5P
Wide oval beam for area lighting optimized for CREE XT-E. Assembly with installation tape.
CA14843 LEDIL-CA14843 Datasheet
1Mb / 4P
Wide oval beam for area lighting optimized for CREE XP-L. Assembly with installation tape.
C14128 LEDIL-C14128 Datasheet
1Mb / 4P
Oval beam for area lighting
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
Oval beam for area lighting. Assembly with installation tape.
C13476 LEDIL-C13476 Datasheet
1Mb / 4P
Forward throw beam for area lighting
C13936 LEDIL-C13936 Datasheet
6Mb / 10P
Beam for area lighting and applications demanding a wide oval beam pattern
CA11186 LEDIL-CA11186 Datasheet
2Mb / 4P
Beam for area lighting
CA10914 LEDIL-CA10914 Datasheet
1,002Kb / 4P
Oval beam for area lighting optimized for Golden Dragon.
CA10950 LEDIL-CA10950 Datasheet
1Mb / 6P
Wide oval beam for area lighting
logo
Molex Electronics Ltd.
987650-8054 MOLEX-987650-8054 Datasheet
360Kb / 8P
WIDE-AREA LIGHTING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com