Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11425 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11425
Description  Soft wide beam with good illuminance uniformity optimized for CREE XP-G and XP-E
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11425 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11425 Datasheet HTML 1Page - Ledil, Inc. C11425 Datasheet HTML 2Page - Ledil, Inc. C11425 Datasheet HTML 3Page - Ledil, Inc. C11425 Datasheet HTML 4Page - Ledil, Inc. C11425 Datasheet HTML 5Page - Ledil, Inc. C11425 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C11425_STRADA-T-DW
STRADA-T-DW
Soft
wide
beam
with
good
illuminance
uniformity optimized for CREE XP-G and XP-E
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
10.7 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-T-DW
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C11425_STRADA-T-DW
» Box size: 480 x 280 x 300 mm
2880
288
144
5.1
Last update: 28/11/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - C11425

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11425 CREE-C11425 Datasheet
963Kb / 13P
Strada series
More results

Similar Description - C11425

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10757 LEDIL-C10757 Datasheet
968Kb / 4P
Soft wide beam with good illuminance uniformity optimized for CREE XR-E.
C11255 LEDIL-C11255 Datasheet
1Mb / 7P
Soft wide beam with good illuminance uniformity optimized for CREE XP-G and XP-E.
CA12344 LEDIL-CA12344 Datasheet
3Mb / 8P
~40째 wide beam optimized for CREE XP-E.
FA10832 LEDIL-FA10832 Datasheet
2Mb / 6P
~40째 wide beam optimized for CREE XP-E.
FP11077 LEDIL-FP11077 Datasheet
1Mb / 6P
~45째 wide beam optimized for CREE XP-E.
FP11431 LEDIL-FP11431 Datasheet
2Mb / 6P
~80째 wide beam optimized for CREE XP-E.
CA11256 LEDIL-CA11256 Datasheet
1Mb / 9P
Soft wide beam with good illuminance uniformity optimized for CREE XP-G and XP-E.
CA11426 LEDIL-CA11426 Datasheet
1Mb / 7P
Soft wide beam with good illuminance uniformity optimized for CREE XP-G
FA11903 LEDIL-FA11903 Datasheet
3Mb / 6P
~55째 wide beam optimized for CREE XP-E.
FA11904 LEDIL-FA11904 Datasheet
2Mb / 8P
~70째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com