Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC114EM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC114EM
Description  NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114EM Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC114EM Datasheet HTML 1Page - NXP Semiconductors PDTC114EM Datasheet HTML 2Page - NXP Semiconductors PDTC114EM Datasheet HTML 3Page - NXP Semiconductors PDTC114EM Datasheet HTML 4Page - NXP Semiconductors PDTC114EM Datasheet HTML 5Page - NXP Semiconductors PDTC114EM Datasheet HTML 6Page - NXP Semiconductors PDTC114EM Datasheet HTML 7Page - NXP Semiconductors PDTC114EM Datasheet HTML 8Page - NXP Semiconductors PDTC114EM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2004 Aug 05
2
Philips Semiconductors
Product specification
NPN resistor-equipped transistor;
R1 = 10 k
Ω, R2 = 10 kΩ
PDTC114E series
FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.
QUICK REFERENCE DATA
DESCRIPTION
NPN resistor-equipped transistor (see “Simplified outline,
symbol and pinning” for package details).
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−
50
V
IO
output current (DC)
−
100
mA
R1
bias resistor
10
−
k
Ω
R2
bias resistor
10
−
k
Ω
PRODUCT OVERVIEW
Note
1. * = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
TYPE NUMBER
PACKAGE
MARKING CODE
PNP COMPLEMENT
PHILIPS
EIAJ
PDTC114EE
SOT416
SC-75
09
PDTA114EE
PDTC114EEF
SOT490
SC-89
09
PDTA114EEF
PDTC114EK
SOT346
SC-59
04
PDTA114EK
PDTC114EM
SOT883
SC-101
DS
PDTA114EM
PDTC114ES
SOT54 (TO-92)
SC-43
TC114E
PDTA114ES
PDTC114ET
SOT23
−
*16(1)
PDTA114ET
PDTC114EU
SOT323
SC-70
*09(1)
PDTA114EU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com