Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1759907 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1759907
Description  Printed-circuit board connector - MSTB 2,5/12-G-5,08 BK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1759907 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1759907 Datasheet HTML 1Page - PHOENIX CONTACT 1759907 Datasheet HTML 2Page - PHOENIX CONTACT 1759907 Datasheet HTML 3Page - PHOENIX CONTACT 1759907 Datasheet HTML 4Page - PHOENIX CONTACT 1759907 Datasheet HTML 5Page - PHOENIX CONTACT 1759907 Datasheet HTML 6Page - PHOENIX CONTACT 1759907 Datasheet HTML 7Page - PHOENIX CONTACT 1759907 Datasheet HTML 8Page - PHOENIX CONTACT 1759907 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1759907
06/30/2020   Page 1 / 12
Printed-circuit board connector - MSTB 2,5/12-G-5,08 BK - 1759907
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 12, pitch: 5.08 mm, color: black, contact surface: Tin, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.5 mm
The figure shows a 10-position
version of the product
Your advantages
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Easy PCB replacement thanks to plug-in modules
 Well-known mounting principle allows worldwide use
 Plug-in direction parallel to the PCB
 Items that can be aligned in various pitches support flexible and space-saving PCB assembly
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918213541
Technical data
Item properties
Brief article description
Feed-through header
Plug-in system
CLASSIC COMBICON
Type of contact
Male connector
Range of articles
MSTB 2,5/..-G
Pitch
5.08 mm
Number of positions
12
Mounting type
Wave soldering
Pin layout
Linear pinning
Locking
without
Number of levels
1


Similar Part No. - 1759907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1759910 PHOENIX-1759910 Datasheet
103Kb / 3P
MSTB 2,5/12-ST-5,08 BK
1759929 PHOENIX-1759929 Datasheet
61Kb / 2P
GMSTB 2,5/ 6-STFS59-7,62 AU
1759932 PHOENIX-1759932 Datasheet
61Kb / 2P
GMSTB 2,5/ 8-STFS59-7,62 AU
logo
List of Unclassifed Man...
1759941-1 ETC2-1759941-1 Datasheet
2Mb / 4P
QUICK REFERENCE GUIDE
logo
PHOENIX CONTACT
1759961 PHOENIX-1759961 Datasheet
41Kb / 2P
MSTBVA 2,5 HC/ 2-G-5,08 BK
More results

Similar Description - 1759907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1765739 PHOENIX-1765739 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-G-5,08 BK AU
1749027 PHOENIX-1749027 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-G-5,08 AU
1756447 PHOENIX-1756447 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-G BK
1758911 PHOENIX-1758911 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-G-5,08 BK
1759499 PHOENIX-1759499 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 7-G-5,08 BK
1759716 PHOENIX-1759716 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-G-5,08 BK
1764183 PHOENIX-1764183 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-G-5,08 BK
1764510 PHOENIX-1764510 Datasheet
48Kb / 3P
Printed-circuit board connector - MSTB 2,5/15-G-5,08 BK AU
1764617 PHOENIX-1764617 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 BK AU
1970618 PHOENIX-1970618 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-STF-5,08 BK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com