Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1759965 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1759965
Description  Printed-circuit board connector - MSTBA 2,5/20-G BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1759965 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1759965 Datasheet HTML 1Page - PHOENIX CONTACT 1759965 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1759965
03/31/2014   Page 1 / 2
Printed-circuit board connector - MSTBA 2,5/20-G BK - 1759965
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Number of positions: 20, Pitch: 5 mm, Color: black, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
8.68 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
General
Range of articles
MSTBA 2,5/..-G
Color
black
Number of positions
20
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409


Similar Part No. - 1759965

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1759961 PHOENIX-1759961 Datasheet
41Kb / 2P
MSTBVA 2,5 HC/ 2-G-5,08 BK
More results

Similar Description - 1759965

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1750210 PHOENIX-1750210 Datasheet
54Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 8-G BK
1759402 PHOENIX-1759402 Datasheet
56Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 3-G BK
1759758 PHOENIX-1759758 Datasheet
57Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 6-G BK
1740440 PHOENIX-1740440 Datasheet
58Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 5-G BK AU
1741669 PHOENIX-1741669 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/20-G-5,08 BK
1746664 PHOENIX-1746664 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/24-G BK
1746855 PHOENIX-1746855 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/24-G-5,08 BK
1748507 PHOENIX-1748507 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/20-G AU
1758665 PHOENIX-1758665 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/16-G BK
1787238 PHOENIX-1787238 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/20-G BK AU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com