Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14656 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14656
Description  Beam for pedestrian lighting (P4 & P5) in Australia and New Zealand
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14656 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14656 Datasheet HTML 1Page - Ledil, Inc. C14656 Datasheet HTML 2Page - Ledil, Inc. C14656 Datasheet HTML 3Page - Ledil, Inc. C14656 Datasheet HTML 4Page - Ledil, Inc. C14656 Datasheet HTML 5Page - Ledil, Inc. C14656 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C14656_STRADA-SQ-ANZ-P
STRADA-SQ-ANZ-P
Beam for pedestrian lighting (P4 & P5) in
Australia
and
New
Zealand.
Version
with
location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
25.0 mm
Height
8.1 mm
Fastening
glue, tape, pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-SQ-ANZ-P
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C14656_STRADA-SQ-ANZ-P
» Box size: 480 x 280 x 300 mm
2058
294
7.2
Last update: 07/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - C14656

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14656 CREE-C14656 Datasheet
703Kb / 9P
Strada series
More results

Similar Description - C14656

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14744 LEDIL-CA14744 Datasheet
2Mb / 5P
Beam for pedestrian lighting (P4 & P5) in Australia and New Zealand
CA14745 LEDIL-CA14745 Datasheet
2Mb / 5P
Beam for vehicular road lighting (AS/NSZ V3) in Australia and New Zealand
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C16029 LEDIL-C16029 Datasheet
2Mb / 5P
Beam for area and street lighting such as parks and pedestrian walkways
C11252 LEDIL-C11252 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
C11277 LEDIL-C11277 Datasheet
943Kb / 5P
Beam for area and street lighting such as parks and pedestrian walkways
C13023 LEDIL-C13023 Datasheet
1Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C13956 LEDIL-C13956 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
C14657 LEDIL-C14657 Datasheet
2Mb / 5P
Beam for vehicular road lighting (AS/NSZ V3) in Australia and New Zealand
CA11253 LEDIL-CA11253 Datasheet
1Mb / 9P
Beam for area and street lighting such as parks and pedestrian walkways
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com