Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3S-1102P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3S-1102P
Description  Mechanical Key Switch (SMD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3S-1102P Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3S-1102P Datasheet HTML 1Page - Omron Electronics LLC B3S-1102P Datasheet HTML 2Page - Omron Electronics LLC B3S-1102P Datasheet HTML 3Page - Omron Electronics LLC B3S-1102P Datasheet HTML 4Page - Omron Electronics LLC B3S-1102P Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B3S
B3S
2
Operating Characteristics
Item
B3S-1000 Series
General-purpose models
High-force models
Operating force (OF max.)
1.57 N (160 gf) max.
2.25 N (230 gf) max.
Reset force (RF min.)
0.2 N (20 gf) min.
0.49 N (50 gf) min.
Pretravel (PT)
0.25 +0.2/–0.1 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com