Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHF2805SF/CH Datasheet(PDF) 12 Page - International Rectifier

Part # AHF2805SF/CH
Description  28V Input, Single and Dual Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805SF/CH Datasheet(HTML) 12 Page - International Rectifier

Back Button AHF2805SF/CH Datasheet HTML 8Page - International Rectifier AHF2805SF/CH Datasheet HTML 9Page - International Rectifier AHF2805SF/CH Datasheet HTML 10Page - International Rectifier AHF2805SF/CH Datasheet HTML 11Page - International Rectifier AHF2805SF/CH Datasheet HTML 12Page - International Rectifier AHF2805SF/CH Datasheet HTML 13Page - International Rectifier AHF2805SF/CH Datasheet HTML 14Page - International Rectifier AHF2805SF/CH Datasheet HTML 15Page - International Rectifier AHF2805SF/CH Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
www.irf.com
AHF28XX Series
Specifications
AHF2815D
Table VI. Electrical Performance Characteristics
For Notes to Specifications, refer to page 13
n
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating -55°C to +125°C
Storage
-65°C to +135°C
Limits
Test
Symbol
Conditions
-55°C
≤ Tc ≤+125°C
Vin = 28 Vdc ±5%, C
L = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
Output voltage
V
OUT
I
OUT = 0
1
01
±14.85
±15.15
V
2,3
±14.70
±15.30
Output current
1,2
I
OUT
V
IN = 16, 28, and 40 V dc,
each output
1,2,3
01
80
720
mA
Output ripple
voltage
3
V
RIP
V
IN = 16, 28, and 40 V dc,
B.W. = 20 Hz to 2 MHz
1,2,3
01
60
mV p-p
Line regulation
4
VR
LINE
V
IN = 16, 28, and 40 V dc,
Iout = 0, 400, and 800 mA
1,2,3
01
35
mV
Load regulation
4
VR
LOAD
V
IN = 16, 28, and 40 V dc,
I
OUT = 0, 400, and 800 mA
1,2,3
01
35
mV
Cross regulation
5
VR
cros
10 percent to 90 percent
load change each output
1,2,3
01
3.0
%
Input current
I
IN
I
OUT = 0, inhibit (pin 1)
tied to input return (pin 7)
1,2,3
01
12
mA
I
OUT = 0,
inhibit (pin 1) = open
55
Input ripple
current
3,4
I
RIP
I
OUT = 800mA
B.W. = 20 Hz to 2 MHz
1,2,3
01
50
mA p-p
Efficiency
4
E
FF
I
OUT = 800mA
1,3
01
78
%
2
75
Isolation
ISO
Input to output or any pin
to case (except pin 6) at 500
V dc, T
C = +25°C
1
01
100
M
Ω
Capacitive load
6,7
C
L
No effect on dc
performance,
T
C = +25°C, total for both
outputs
4
01
200
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com