Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R313G Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-R313G
Description  BIGGER SIZE LED LAMPS (ROUND TYPES)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R313G Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-R313G Datasheet HTML 1Page - Yellow Stone Corp BL-R313G Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BIGGER SIZE LED LAMPS (ROUND TYPES)
Chip
Absolute Maximum
Ratings
Electro-optical
Data (At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/Emitted
Color
Peak
Wave
Length
λp
(nm)
Lens
Appearance
∆λ
(nm)
Pd
(mw)
If
(mA)
Peak
(mA)
Typ
Max
Typ.
Viewing
Angle
2
θ 1/2
(deg)
Drawing
No.
BL-B5139
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
20.0
BL-B4539
GaAsP/GaP/Hi-Eff Red
635
45
80
30
150
2.0
2.6
50.0
BL-B6139
GaAlAs/SH Red
660
Red Diffused
20
60
30
150
1.7
2.6
100.0
BL-B2139
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
50.0
BL-BX139
GaAsP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
60.0
BL-B3139
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
40.0
45
Round
φ 8.0
BL-B4339
GaAsP/GaP/Orange
635
Water Clear
45
80
30
150
2.0
2.6
350.0
20
L-053
BL-B5139B
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
15.0
BL-B4539B
GaAsP/GaP/Hi-Eff Red
635
45
80
30
150
2.0
2.6
40.0
BL-B6139B
GaAlAs/SH Red
660
Red Diffused
20
60
30
150
1.7
2.6
100.0
BL-B2139B
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
40.0
BL-BX139B
GaP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
50.0
BL-B3139B
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
30.0
50
Round
φ 8.0
BL-B4339B
GaAsP/GaP/Orange
635
Water Clear
45
80
30
150
2.0
2.6
300.0
25
L-054
BL-R513G
GaP/GaP/Bright Red
700
90
50
15
50
2.2
2.6
30.0
BL-R453G
GaAsP/GaP/Hi-Eff Red
635
45
80
30
150
2.0
2.6
100.0
BL-R613G
GaAlAs/SH Red
660
Red Diffused
20
60
30
150
1.7
2.6
150.0
BL-BX113G
GaP/GaP/Hi-Eff Green
568
30
80
30
150
2.2
2.6
180.0
BL-R213G
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
150.0
BL-R313G
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
90.0
8.0x8.0x
12.0mm
1.0
Lead
Rectangular
Round Head
BL-R413G
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
100.0
35
L-055
BL-B5130A
GaP/GaP/Bright Red
700
90
50
15
50
2.2
2.6
20.0
BL-B4530A
GaAsP/GaP/Hi-Eff Red
635
45
80
30
150
2.0
2.6
100.0
BL-B6130A
GaAlAs/SH Red
660
Red Diffused
20
60
30
150
1.7
2.6
140.0
BL-BX1130A
GaP/GaP/Hi-Eff Green
568
30
80
30
150
2.2
2.6
130.0
BL-B2130A
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
100.0
BL-B3130A
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
90.0
Round
φ 10.0
BL-B4130A
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
100.0
50
L-056
BL-B513C
GaP/GaP/Bright Red
700
90
50
15
50
2.2
2.6
20.0
BL-B453C
GaAsP/GaP/Hi-Eff Red
635
45
80
30
150
2.0
2.6
60.0
BL-B613C
GaAlAs/SH Red
660
Red Diffused
20
60
30
150
1.7
2.6
100.0
BL-BX113C
GaP/GaP/Hi-Eff Green
568
20
80
30
150
1.7
2.6
120.0
BL-B213C
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
60.0
BL-B313C
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
50.0
Round
φ 12.0
BL-B413C
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
60.0
50
L-057
BL-B5330M
GaP/GaP/Bright Red
700
90
50
15
50
2.2
2.6
120.0
BL-B6330M
GaAlAs/SH Red
660
20
60
30
150
1.7
2.6
450.0
BL-BD330M
GaAlAs/DH Red
660
20
60
30
150
1.7
2.6
600.0
BL-B2330M
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
350.0
BL-BX1330M
GaP/GaP/Hi-Eff Green
568
20
80
30
150
1.7
2.6
120.0
BL-B3330M
GaAsP/GaP/Yellow
585
35
80
30
150
2.1
2.6
250.0
Round
φ 10.0
BL-B4330M
GaAsP/GaP/Orange
635
Water Clear
45
80
30
150
2.0
2.6
300.0
12
L-058
BL-B6H120U
GaP/GaP/Bright Red
700
90
300
15
50
2.2
2.6
50.0
BL-B6E520U
GaAsP/GaP/Orange
635
45
480
30
150
2.0
2.6
180.0
BL-B6D120U
GaAlAs/DH Red
660
Red Diffused
20
360
30
150
1.7
2.6
200.0
BL-B6G120U
GaP/GaP/Green
568
30
480
30
150
2.2
2.6
180.0
BL-B6X1120U
GaP/GaP/Hi-Eff Green
568
Green Diffused
30
480
30
150
2.2
2.6
250.0
Round
φ 20.0
BL-B6Y120U
GaAsP/GaP/Yellow
585
Yellow Diffused
35
480
30
150
2.1
2.6
170.0
BL-B6H120-1S
GaP/GaP/Bright Red
700
90
300
15
50
13.2
15.6
50.0
BL-B6E520-1S
GaAsP/GaP/Orange
635
45
480
30
150
13.2
15.6
180.0
BL-B6D120-2P
GaAlAs/DH Red
660
Red Diffused
20
480
30
150
5.1
7.8
200.0
BL-B6G120-2P
GaP/GaP/Green
568
Green Diffused
30
480
30
150
6.6
7.8
180.0
Round
φ 20.0
BL-B6Y120-3P
GaAsP/GaP/Yellow
585
Yellow Diffused
35
480
30
150
4.2
5.2
170.0
180
L-059
Remark: 1. Hi-Eff Red/High-Efficiency Red.
2. Trans/Transparent.
3. 2
θ 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.


Similar Part No. - BL-R313G

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R3130 YSTONE-BL-R3130 Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R3130 YSTONE-BL-R3130 Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R3130A-T YSTONE-BL-R3130A-T Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R3130N YSTONE-BL-R3130N Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-R3130N BRIGHT-BL-R3130N Datasheet
130Kb / 2P
GaAsP /GaP Yellow Low power consumption.
More results

Similar Description - BL-R313G

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-BF0331 YSTONE-BL-BF0331 Datasheet
1Mb / 4P
ULTRA BRIGHT LED LAMPS (ROUND TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-B5141-L YSTONE-BL-B5141-L Datasheet
183Kb / 2P
LOW-CURRENT LED LAMPS (ROUND TYPES)
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
RESISTOR LED LAMPS (ROUND TYPES)
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
BLINKING LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com