Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP12947 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12947
Description  ~55째 wide beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12947 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12947 Datasheet HTML 1Page - Ledil, Inc. CP12947 Datasheet HTML 2Page - Ledil, Inc. CP12947 Datasheet HTML 3Page - Ledil, Inc. CP12947 Datasheet HTML 4Page - Ledil, Inc. CP12947 Datasheet HTML 5Page - Ledil, Inc. CP12947 Datasheet HTML 6Page - Ledil, Inc. CP12947 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CP12947_LARISA-WW-CLIP16
LARISA-WW-CLIP16
~55° wide beam. Clip fastening for 1.6 mm thick
PCB
TECHNICAL SPECIFICATIONS:
Dimensions
10.0 mm
Height
7.5 mm
Fastening
glue, clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LARISA-WW
Single lens
PMMA
clear
LARISA-HOLDER-CLIP16
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP12947_LARISA-WW-CLIP16
» Box size: 300 x 250 x 250 mm
Single lens
10000
300
100
0.0
Last update: 15/03/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CP12947

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12947 CREE-CP12947 Datasheet
1Mb / 19P
Larisa series
More results

Similar Description - CP12947

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
~55째 wide beam
C10974 LEDIL-C10974 Datasheet
2Mb / 4P
~55째 wide beam
C11777 LEDIL-C11777 Datasheet
1Mb / 4P
~55째 wide beam
CP16939 LEDIL-CP16939 Datasheet
3Mb / 4P
~55째 wide beam
CP15313 LEDIL-CP15313 Datasheet
3Mb / 6P
~55째 wide beam.
C10590 LEDIL-C10590 Datasheet
1Mb / 5P
~55째 wide beam
C12345 LEDIL-C12345 Datasheet
1Mb / 6P
~55째 wide beam
C17434 LEDIL-C17434 Datasheet
4Mb / 6P
~55째 wide beam
C11191 LEDIL-C11191 Datasheet
2Mb / 8P
~55째 wide beam
CA16705 LEDIL-CA16705 Datasheet
2Mb / 5P
~55째 wide beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com