Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50P Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # DF50P
Description  High Current Automobile Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DF50P Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  DF50P Datasheet HTML 1Page - HY ELECTRONIC CORP. DF50P Datasheet HTML 2Page - HY ELECTRONIC CORP. DF50P Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The curve above is for reference only.
DF50*-S-00/99-00/01
Rev. 11, 18-May-2020
RATING AND CHARACTERISTIC CURVES
DF50P(N)
0.1
1
10
100
1000
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
TJ=25℃
Pulse Width 300uS 2%Duty
Cycle
Fig. 4 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
Fig. 2 - Maximum Non-Repetitive Surge Current
Number of Cycles at 60Hz
0
100
200
300
400
500
600
700
1
10
100
8.3mS Single Half-Sine-Wave
(JEDEC METOD)
Fig. 3 - Typical Reverse Characteristics
0.1
1.0
10.0
100.0
1000.0
20
40
60
80
100
TJ=25°C
TJ=195°C
Percent of Rated Peak Reverse Voltage (%)
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
200
Fig. 1 - Forward Current Derating Curve
Case Temperature (℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com