Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F14531 Datasheet(PDF) 11 Page - Ledil, Inc.

Part # F14531
Description  ~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14531 Datasheet(HTML) 11 Page - Ledil, Inc.

Back Button F14531 Datasheet HTML 7Page - Ledil, Inc. F14531 Datasheet HTML 8Page - Ledil, Inc. F14531 Datasheet HTML 9Page - Ledil, Inc. F14531 Datasheet HTML 10Page - Ledil, Inc. F14531 Datasheet HTML 11Page - Ledil, Inc. F14531 Datasheet HTML 12Page - Ledil, Inc. F14531 Datasheet HTML 13Page - Ledil, Inc. F14531 Datasheet HTML 14Page - Ledil, Inc. F14531 Datasheet HTML 15Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PRODUCT
DATASHEET
F14531_JENNY-CY
PHOTOMETRIC DATA (MEASURED):
LED
LC003D / LC006D / LC009D / LC013D
FWHM
106.0°
Efficiency
94 %
Peak intensity
0.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C14436_JENNY-HLD-A-BLK
LED
LC003D / LC006D / LC009D / LC013D
FWHM
106.0°
Efficiency
94 %
Peak intensity
0.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
MJT COB LES 6
FWHM
111.0°
Efficiency
91 %
Peak intensity
0.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C14436_JENNY-HLD-A-BLK
LED
MJT COB LES 6
FWHM
111.0°
Efficiency
91 %
Peak intensity
0.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Last update: 23/08/2019
Subject to change without prior notice
Published: 10/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com