Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4951 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4951
Description  Wide Voltage Range 1.8 Watt Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4951 Datasheet HTML 9Page - National Semiconductor (TI) LM4951 Datasheet HTML 10Page - National Semiconductor (TI) LM4951 Datasheet HTML 11Page - National Semiconductor (TI) LM4951 Datasheet HTML 12Page - National Semiconductor (TI) LM4951 Datasheet HTML 13Page - National Semiconductor (TI) LM4951 Datasheet HTML 14Page - National Semiconductor (TI) LM4951 Datasheet HTML 15Page - National Semiconductor (TI) LM4951 Datasheet HTML 16Page - National Semiconductor (TI) LM4951 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Information (Continued)
The last step in this design example is setting the amplifier’s
-3dB frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency re-
sponse must extend to at least one-fifth the lower bandwidth
limit and the high frequency response must extend to at least
five times the upper bandwidth limit. The gain variation for
both response limits is 0.17dB, well within the ±0.25dB-
desired limit. The results are an
f
L =50Hz/5= 10Hz
(11)
and an
f
L = 20kHzx5= 100kHz
(12)
As mentioned in the SELECTING EXTERNAL COMPO-
NENTS section, R
i and Ci create a highpass filter that sets
the amplifier’s lower bandpass frequency limit. Find the cou-
pling capacitor’s value using Equation (13).
C
i =1 / 2
πR
ifL
(13)
The result is
1 / (2
πx20kΩx10Hz) = 0.795µF
Use a 0.82µF capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in
this example) and the differential gain A
VD, determines the
upper passband response limit. With A
VD = 7 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
700kHz. This is less than the LM4951’s 3.5MHz GBWP. With
this margin, the amplifier can be used in designs that require
more differential gain while avoiding performance restricting
bandwidth limitations.
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figures 2–4 show the recommended two-layer PC board
layout that is optimized for the SD10A. This circuit is de-
signed for use with an external 7.5V supply 8
Ω (min) speak-
ers.
These circuit boards are easy to use. Apply 7.5V and ground
to the board’s V
DD and GND pads, respectively. Connect a
speaker between the board’s OUT
A and OUTB outputs.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com