Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F15596 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F15596
Description  Forward throwing beam with peak in 45째
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15596 Datasheet(HTML) 1 Page - Ledil, Inc.

  F15596 Datasheet HTML 1Page - Ledil, Inc. F15596 Datasheet HTML 2Page - Ledil, Inc. F15596 Datasheet HTML 3Page - Ledil, Inc. F15596 Datasheet HTML 4Page - Ledil, Inc. F15596 Datasheet HTML 5Page - Ledil, Inc. F15596 Datasheet HTML 6Page - Ledil, Inc. F15596 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
F15596_JENNY-FT45
JENNY-FT45
Forward throwing beam with peak in 45°
TECHNICAL SPECIFICATIONS:
Dimensions
35.0 mm
Height
20.7 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
JENNY-FT45
Single lens
Silicone
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F15596_JENNY-FT45
» Box size: 480 x 280 x 300 mm
840
120
60
8.0
Last update: 22/08/2019
Subject to change without prior notice
Published: 20/03/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - F15596

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
F155-10A UNITEDAUTOMATION-F155-10A Datasheet
68Kb / 2P
F-SERIES RFI SUPPRESSION FOR SINGLE PHASE POWER REGULATORS
Issue 3 05/11/99
F155-3A UNITEDAUTOMATION-F155-3A Datasheet
68Kb / 2P
F-SERIES RFI SUPPRESSION FOR SINGLE PHASE POWER REGULATORS
Issue 3 05/11/99
logo
List of Unclassifed Man...
F155-6A ETC2-F155-6A Datasheet
69Kb / 2P
F-SERIES RFI SUPPRESSION FOR SINGLE PHASE POWER REGULATORS
logo
United Automation Ltd. ...
F155-6A UNITEDAUTOMATION-F155-6A Datasheet
68Kb / 2P
F-SERIES RFI SUPPRESSION FOR SINGLE PHASE POWER REGULATORS
Issue 3 05/11/99
logo
Cree, Inc
F15523 CREE-F15523 Datasheet
518Kb / 10P
Linnea series
More results

Similar Description - F15596

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP14998 LEDIL-FP14998 Datasheet
10Mb / 8P
~45째 wide beam
C11776 LEDIL-C11776 Datasheet
2Mb / 4P
~45째 wide beam
F15909 LEDIL-F15909 Datasheet
3Mb / 5P
Forward throwing beam with peak in 65째
FP16610 LEDIL-FP16610 Datasheet
2Mb / 5P
45째 wide beam
C11624 LEDIL-C11624 Datasheet
3Mb / 7P
~45째 wide beam
F15574 LEDIL-F15574 Datasheet
2Mb / 4P
Forward throwing beam with peak in 45째.
F15910 LEDIL-F15910 Datasheet
2Mb / 4P
Forward throwing beam with peak in 65째.
FP10997 LEDIL-FP10997 Datasheet
2Mb / 8P
~45째 wide beam.
FP13026 LEDIL-FP13026 Datasheet
3Mb / 9P
~45째 wide beam.
CP17597 LEDIL-CP17597 Datasheet
1Mb / 4P
~45째 wide beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com