Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24SW Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 24SW
Description  24 Channel MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

24SW Datasheet(HTML) 5 Page - Maxwell Technologies

  24SW Datasheet HTML 1Page - Maxwell Technologies 24SW Datasheet HTML 2Page - Maxwell Technologies 24SW Datasheet HTML 3Page - Maxwell Technologies 24SW Datasheet HTML 4Page - Maxwell Technologies 24SW Datasheet HTML 5Page - Maxwell Technologies 24SW Datasheet HTML 6Page - Maxwell Technologies 24SW Datasheet HTML 7Page - Maxwell Technologies 24SW Datasheet HTML 8Page - Maxwell Technologies 24SW Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
All data sheets are subject to change without notice
©2005 Maxwell Technologies.
All rights reserved.
24 Channel MOSFET Driver
24SW
01.10.05 Rev 2
107
TP48A
108
VSS
-15V Power Supply
109
GND
Analog Ground
110
TP10C
111
VDD
+15V Power Supply
112
TP10A
113
TP48B
114
TP12C
115
TP10B
116
TP12D
117
SS_CMD_11
Switch 11 Control Input
TTL voltage level switch input
118
TP6D
119
SS_CMD_10
Switch 10 Control Input
TTL voltage level switch input
120
SS_CMD_9
Switch 9 Control Input
TTL voltage level switch input
121
TP11D
122
SS_CMD_8
Switch 8 Control Input
TTL voltage level switch input
123
SS_CMD_7
Switch 7 Control Input
TTL voltage level switch input
124
SS_CMD_6
Switch 6 Control Input
TTL voltage level switch input
125
TP5D
126
TP12E
127
TP6E
128
TP11E
129
TP5E
130
TP6C
131
TP6A
132
TP6B
133
LD11_OUT
Switch 11 Low Side
FET Drain
134
LD11_IN
Switch 11 High Side
FET Source
135
TP11C
136
LD10_OUT
Switch 10 Low Side
FET Drain
137
LD10_IN
Switch 10 High Side
FET Source
138
TP11A
139
LD9_OUT
Switch 9 Low Side
FET Drain
140
LD19_IN
Switch 9 High Side
FEt Source
141
TP11B
142
LD7_OUT
Switch 7 Low Side
FET Drain
143
LD7_IN
Switch 7 High Side
FET Source
TABLE 1. 24SW PINOUT DESCRIPTION
PIN
NAME
FUNCTION
NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com