Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24SWRPQK Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 24SWRPQK
Description  24 Channel MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

24SWRPQK Datasheet(HTML) 2 Page - Maxwell Technologies

  24SWRPQK Datasheet HTML 1Page - Maxwell Technologies 24SWRPQK Datasheet HTML 2Page - Maxwell Technologies 24SWRPQK Datasheet HTML 3Page - Maxwell Technologies 24SWRPQK Datasheet HTML 4Page - Maxwell Technologies 24SWRPQK Datasheet HTML 5Page - Maxwell Technologies 24SWRPQK Datasheet HTML 6Page - Maxwell Technologies 24SWRPQK Datasheet HTML 7Page - Maxwell Technologies 24SWRPQK Datasheet HTML 8Page - Maxwell Technologies 24SWRPQK Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
All data sheets are subject to change without notice
©2005 Maxwell Technologies.
All rights reserved.
24 Channel MOSFET Driver
24SW
01.10.05 Rev 2
TABLE 1. 24SW PINOUT DESCRIPTION
PIN
NAME
FUNCTION
NOTES
1
Pkg-Gnd
Case Ground
This pin is for grounding the case(lid)
2TP1B
3TP7D
4TP1D
5TP8D
6TP2D
7TP7E
8TP1E
9TP8E
10
SS_CMD_5
Switch 5 Control Input
TTL voltage level switch input
11
SS_CMD_4
Switch 4 Control Input
TTL voltage level switch input
12
SS_CMD_3
Switch 3 Control Input
TTL voltage level switch input
13
TP2E
14
SS_CMD_2
Switch 2 Control Input
TTL voltage level switch input
15
SS_CMD_1
Switch 1 Control Input
TTL voltage level switch input
16
TP2B
17
SS_CMD_0
Switch 0 Control Input
TTL voltage level switch input
18
TP38A
19
TP46A
20
TP38C
21
TP2C
22
TP2A
23
VDD
+15V Power Supply
24
TP38B
25
GND
Analog Ground
26
VSS
-15V Power Supply
27
TP38D
28
TP44D
29
SS_CMD_12
Switch 12 Control Input
TTL voltage level switch input
30
TP37D
31
SS_CMD_13
Switch 13 Control Input
TTL voltage level switch input
32
SS_CMD_14
Switch 14 Control Input
TTL voltage level switch input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com