Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C17079 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C17079
Description  ~30째 90째 oval beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C17079 Datasheet(HTML) 1 Page - Ledil, Inc.

  C17079 Datasheet HTML 1Page - Ledil, Inc. C17079 Datasheet HTML 2Page - Ledil, Inc. C17079 Datasheet HTML 3Page - Ledil, Inc. C17079 Datasheet HTML 4Page - Ledil, Inc. C17079 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C17079_LINNEA-2R-O
LINNEA-2R-O
~30° + 90° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
40.0 x 567.2 mm
Height
8.6 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LINNEA-2R-O
Linear lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C17079_LINNEA-2R-O
» Box size: 595 x 360 x 150 mm
72
72
8
8.1
Last update: 02/04/2020
Subject to change without prior notice
Published: 13/12/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - C17079

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1707 GENERAL-C1707 Datasheet
60Kb / 1P
COMMAND SERIES
More results

Similar Description - C17079

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15993 LEDIL-FN15993 Datasheet
11Mb / 7P
~50째 30째 oval beam with holder A compatible
FN15997 LEDIL-FN15997 Datasheet
13Mb / 5P
~50째 30째 oval beam with holder B compatible
CP15678 LEDIL-CP15678 Datasheet
4Mb / 7P
~35째 15째 oval beam. Variant with beam direction rotated 90째.
CP13070 LEDIL-CP13070 Datasheet
2Mb / 5P
~30째 30째 rectangular beam
CP14877 LEDIL-CP14877 Datasheet
2Mb / 5P
~90째 35째 oval beam
FCA14933 LEDIL-FCA14933_18 Datasheet
4Mb / 5P
~30째 spot beam
CN11533 LEDIL-CN11533 Datasheet
3Mb / 4P
~40째 x 30째 infrared oval beam
FCA12795 LEDIL-FCA12795 Datasheet
5Mb / 4P
~40째 x 30째 oval beam optimized for CREE XP-E.
CS16188 LEDIL-CS16188 Datasheet
4Mb / 6P
~30째 115째 oval beam. Variant made from PC.
F16603 LEDIL-F16603 Datasheet
4Mb / 4P
~30째 60째 oval beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com