Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP17153 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP17153
Description  ~12째 spot beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP17153 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP17153 Datasheet HTML 1Page - Ledil, Inc. CP17153 Datasheet HTML 2Page - Ledil, Inc. CP17153 Datasheet HTML 3Page - Ledil, Inc. CP17153 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP17153_LEILA-2X8-D
LEILA-2X8-D
~12° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
175.0 x 43.0 mm
Height
14.3 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LXP2-D
Single lens
PMMA
clear
LEILA-FRAME-2X8
Holder
PC
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP17153_LEILA-2X8-D
» Box size: 480 x 280 x 300 mm
Single lens
160
20
10
9.5
Last update: 31/03/2020
Subject to change without prior notice
Published: 01/04/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CP17153

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP17151 LEDIL-CP17151 Datasheet
2Mb / 4P
~10째 spot beam
CP17154 LEDIL-CP17154 Datasheet
2Mb / 4P
~20째 wide beam
More results

Similar Description - CP17153

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10428 LEDIL-C10428 Datasheet
4Mb / 4P
~12째 smooth spot beam with 1.5 mm high location pins.
C10446 LEDIL-C10446 Datasheet
2Mb / 4P
~12째 smooth spot beam with 1.5 mm high location pins
CP16106 LEDIL-CP16106 Datasheet
8Mb / 8P
~12째 spot beam. Assembly with holder C compatible with LEDiL HEKLA.
F16363 LEDIL-F16363 Datasheet
6Mb / 4P
~12째 spot beam compatible with LEDiL HEKLA
CP16941 LEDIL-CP16941 Datasheet
2Mb / 4P
~12째 spot beam
C12285 LEDIL-C12285 Datasheet
2Mb / 7P
~12째 spot beam
C10754 LEDIL-C10754 Datasheet
5Mb / 9P
~12째 smooth spot beam with 3 mm high location pins
C11333 LEDIL-C11333 Datasheet
2Mb / 9P
~12째 smooth spot beam with 1.5 mm high location pins
C13736 LEDIL-C13736 Datasheet
4Mb / 8P
~12째 spot beam with 3 optics
C11192 LEDIL-C11192 Datasheet
2Mb / 9P
~12째 smooth spot beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com