Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F16455 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16455
Description  ~90째 wide beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16455 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16455 Datasheet HTML 1Page - Ledil, Inc. F16455 Datasheet HTML 2Page - Ledil, Inc. F16455 Datasheet HTML 3Page - Ledil, Inc. F16455 Datasheet HTML 4Page - Ledil, Inc. F16455 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
F16455_LINNEA-GC-90
LINNEA-GC-90
~90° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
285.0 x 40.0 mm
Height
13.3 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LINNEA-GC-90
Linear lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F16455_LINNEA-GC-90
» Box size: 578 x 378 x 295 mm
180
30
30
10.4
Last update: 06/02/2020
Subject to change without prior notice
Published: 05/11/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - F16455

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
F1645-MPT-R COMPUTAR-F1645-MPT-R Datasheet
12Mb / 1P
Anti Vibration & Shock Resistance Lens Lineup
01/24
logo
Ledil, Inc.
F16451 LEDIL-F16451 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-60
F16452 LEDIL-F16452 Datasheet
3Mb / 3P
Long, female end cap compatible with LINNEA-60
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
Linnea Accessory
F16454 LEDIL-F16454 Datasheet
3Mb / 3P
Long, female end cap compatible with LINNEA-60-B
More results

Similar Description - F16455

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16593 LEDIL-CS16593 Datasheet
6Mb / 5P
~90째 wide beam
F16007 LEDIL-F16007_18 Datasheet
7Mb / 7P
~90째 wide beam
F11947 LEDIL-F11947 Datasheet
1Mb / 6P
~90째 160째 wide beam
C12353 LEDIL-C12353 Datasheet
2Mb / 4P
~90째 170째 wide area beam
C16669 LEDIL-C16669 Datasheet
18Mb / 4P
~90째 wide beam
C16613 LEDIL-C16613 Datasheet
2Mb / 4P
~90째 wide beam
F17194 LEDIL-F17194 Datasheet
1Mb / 4P
~90째 100째 wide beam
CS16781 LEDIL-CS16781 Datasheet
2Mb / 5P
~90째 wide beam
C13526 LEDIL-C13526 Datasheet
1Mb / 4P
~90째 wide beam
CS17134 LEDIL-CS17134 Datasheet
18Mb / 4P
~90째 wide beam.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com