Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F16812 Datasheet(PDF) 7 Page - Ledil, Inc.

Part # F16812
Description  ~90째 90째 wide beam optimized for 0.5 mm metal sheet or profile
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16812 Datasheet(HTML) 7 Page - Ledil, Inc.

  F16812 Datasheet HTML 1Page - Ledil, Inc. F16812 Datasheet HTML 2Page - Ledil, Inc. F16812 Datasheet HTML 3Page - Ledil, Inc. F16812 Datasheet HTML 4Page - Ledil, Inc. F16812 Datasheet HTML 5Page - Ledil, Inc. F16812 Datasheet HTML 6Page - Ledil, Inc. F16812 Datasheet HTML 7Page - Ledil, Inc. F16812 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PRODUCT
DATASHEET
F16812_LINNEA-90-B-PMMA
PHOTOMETRIC DATA (MEASURED):
LED
LT-Q282B
FWHM
106.0 + 87.0°
Efficiency
89 %
Peak intensity
0.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LT-V282E
FWHM
106.0 + 88.0°
Efficiency
89 %
Peak intensity
0.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LLE 24x280mm 1250lm HV ADV5
FWHM
106.0 + 90.0°
Efficiency
88 %
Peak intensity
0.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LLE 24x280mm 650lm HV ADV5
FWHM
104.0 + 91.0°
Efficiency
88 %
Peak intensity
0.4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Last update: 13/05/2019
Subject to change without prior notice
Published: 14/05/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
7/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com